Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL7119RHF/PROTO Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # ISL7119RHF/PROTO
Description  Radiation Hardened High Speed Dual Voltage Comparators
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL7119RHF/PROTO Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button ISL7119RHF/PROTO Datasheet HTML 3Page - Renesas Technology Corp ISL7119RHF/PROTO Datasheet HTML 4Page - Renesas Technology Corp ISL7119RHF/PROTO Datasheet HTML 5Page - Renesas Technology Corp ISL7119RHF/PROTO Datasheet HTML 6Page - Renesas Technology Corp ISL7119RHF/PROTO Datasheet HTML 7Page - Renesas Technology Corp ISL7119RHF/PROTO Datasheet HTML 8Page - Renesas Technology Corp ISL7119RHF/PROTO Datasheet HTML 9Page - Renesas Technology Corp ISL7119RHF/PROTO Datasheet HTML 10Page - Renesas Technology Corp ISL7119RHF/PROTO Datasheet HTML 11Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
FN6607 Rev.5.02
Page 10
Feb 13, 2025
ISL7119RH, ISL7119EH Datasheet
8.
Ordering Information
9.
Revision History
Ordering SMD
Number[1]
1. Specifications for Rad Hard QML devices are controlled by the Defense Logistics Agency Land and Maritime (DLA). The SMD numbers listed in
the table must be used when ordering.
Part Number[2]
2. These Pb-free Hermetic packaged products employ 100% Au plate - e4 termination finish, which is RoHS compliant and compatible with both
SnPb and Pb-free soldering operations.
Radiation Hardness
(Total Ionizing Dose)
Package Description
(RoHS Compliant)
Pkg.
Dwg. #
Temp. Range
5962F0721501QXC
ISL7119RHQF
HDR to 300krad(Si)[3]
3. The device may be dose rate sensitive in a space environment and may demonstrate enhanced low dose rate effects. The radiation end point
limits for the noted parameters are guaranteed only for the conditions as specified in MIL-STD-883, method 1019, condition A to a maximum total
dose of 300krad(Si).
10 Lead Ceramic Metal
Seal Flatpack
K10.A
-55 to +125°C
5962F0721501VXC
ISL7119RHVF
5962F0721502VXC
ISL7119EHVF
HDR to 300krad(Si),[4]
LDR to 50krad(Si)
4. The device radiation end point limits for the noted parameters are guaranteed only for the conditions as specified in MIL-STD-883, method 1019,
condition A to a maximum total dose of 300krad(Si), and condition D to a maximum total dose of 50krad(Si).
5962F0721501V9A
ISL7119RHVX[5]
5. Die product tested at TA = + 25°C. The wafer probe test includes functional and parametric testing sufficient to make the die capable of meeting
the electrical performance outlined in the DLA SMD.
HDR to 300krad(Si)
Die
N/A
5962F0721502V9A
ISL7119EHVX[5]
HDR to 300krad(Si),
LDR to 50krad(Si)
ISL7119RHF/PROTO
ISL7119RHF/PROTO[6]
6. The /PROTO and /SAMPLE are not rated or certified for Total Ionizing Dose (TID) or Single Event Effect (SEE) immunity. These parts are intended
for engineering evaluation purposes only. The /PROTO parts meet the electrical limits and conditions across temperature specified in the DLA
SMD and are in the same form and fit as the qualified device. The /SAMPLE parts are capable of meeting the electrical limits and conditions
specified in the DLA SMD. The /SAMPLE parts do not receive 100% screening across temperature to the DLA SMD electrical limits. These part
types do not come with a Certificate of Conformance because they are not DLA qualified devices.
N/A
10 Lead Ceramic Metal
Seal Flatpack
K10.A
ISL7119RHX/SAMPLE
ISL7119RHX/SAMPLE[5][6]
Die
N/A
Revision
Date
Description
5.02
Feb 13, 2025
Applied the latest template.
Added Figure 1.
Added the following sections:
▪ Pin Descriptions
▪ Specifications
▪ Typical Performance Graphs
▪ Application Information
5.01
Feb 9, 2023
Fixed links.
Updated Radiation Acceptance feature bullets.
Updated Ordering Information table.
Removed About Intersil section.
5.00
Apr 15, 2016
Updated package info in ordering information for parts ending in X from 10 Lead Ceramic Metal Seal
Flatpack to Die.
Added Revision History and About Intersil sections.
Added POD K10.A.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com