Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS9090B Datasheet (PDF) - Micronas

MAS9090B Datasheet PDF - Micronas
Part # MAS9090B
Download  MAS9090B Download
File Size   564.11 Kbytes
Page   30 Pages
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas
Description LOW VOLTAGE 14-BIT LINEAR CODEC

MAS9090B Datasheet (PDF)

Go To PDF Page Download Datasheet
MAS9090B Datasheet PDF - Micronas

Part # MAS9090B
Download  MAS9090B Click to download

File Size   564.11 Kbytes
Page   30 Pages
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas
Description LOW VOLTAGE 14-BIT LINEAR CODEC

MAS9090B Datasheet (HTML) - Micronas


MAS9090B Product details

DESCRIPTION
The MAS9090 is a high performance low power PCM CODEC and filter device tailored to implement the audio front-end functions required by the low voltage/low power consumption digital terminals.

FEATURES
• Single 2.7-3.6 V or 4.5-5.5 V supply selectable
• -30°C to 85°C temperature operation range
• 11 mW operating power (typ. at 2.7V)
• 15 mW operating power (typ. at 3.0V)
• 27 mW operating power (typ. at 3.6V)
• 38 mW operating power (typ. at 5.0V)
• Digital bandpass filters
• ±0.5 dB absolute gain accuracy (untrimmed)
• 28-pin SO and 44-pin TQFP packages
• Pin compatible with ST5090 and ST5092

APPLICATIONS
• GSM digital cellular telephones
• Battery operated audio front-ends for DSPs
• ISDN Terminals
• CT2 and DECT digital cordless telephones




Similar Part No. - MAS9090B

ManufacturerPart #DatasheetDescription
logo
Micro Analog systems
MAS9011 MAS-MAS9011 Datasheet
147Kb / 9P
Solar Cell System Manager
MAS9011A1BD08 MAS-MAS9011A1BD08 Datasheet
147Kb / 9P
Solar Cell System Manager
MAS9011A1GB06 MAS-MAS9011A1GB06 Datasheet
147Kb / 9P
Solar Cell System Manager
MAS9011A1TC05 MAS-MAS9011A1TC05 Datasheet
147Kb / 9P
Solar Cell System Manager
MAS9012 MAS-MAS9012 Datasheet
211Kb / 12P
Stepper Motor Driver IC
More results


Similar Description - MAS9090B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST5090 STMICROELECTRONICS-ST5090 Datasheet
269Kb / 29P
LOW VOLTAGE 14-BIT LINEAR CODEC WITH HIGH-PERFORMANCE AUDIO FRONT-END
Feb-1996
ST5092 STMICROELECTRONICS-ST5092 Datasheet
272Kb / 29P
2.7V SUPPLY 14-BIT LINEAR CODEC WITH HIGH-PERFORMANCE AUDIO FRONT-END
Jun-1997
logo
Burr-Brown (TI)
PCM3501 BURR-BROWN-PCM3501 Datasheet
182Kb / 24P
Low Voltage, Low Power, 16-Bit, Mono VOICE/MODEM CODEC
logo
Texas Instruments
PCM3500 TI-PCM3500 Datasheet
218Kb / 26P
Low Voltage, Low Power, 16-Bit, Mono VOICE/MODEM CODEC
logo
STMicroelectronics
STW5093 STMICROELECTRONICS-STW5093 Datasheet
627Kb / 34P
2.7V SUPPLY 14-BIT LINEAR CODEC WITH HIGH-PERFORMANCE AUDIO FRONT-END
Mar-2004
logo
Motorola, Inc
MC145482 MOTOROLA-MC145482 Datasheet
221Kb / 19P
5V 13-BIT LINEAR PCM CODEC-FILTER
MC145483 MOTOROLA-MC145483 Datasheet
220Kb / 19P
3V 13-BIT LINEAR PCM CODEC-FILTER
logo
Freescale Semiconductor...
MC143416 FREESCALE-MC143416 Datasheet
744Kb / 24P
Dual 16-Bit Linear Codec-Filter
logo
STMicroelectronics
STW5093CYLT STMICROELECTRONICS-STW5093CYLT Datasheet
620Kb / 34P
2.7V SUPPLY 14-BIT LINEAR CODEC WITH HIGH-PERFORMANCE AUDIO FRONT-END
Mar-2004
logo
Motorola, Inc
MC145402 MOTOROLA-MC145402 Datasheet
137Kb / 16P
Serial 13-Bit Linear Codec
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com