Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS9090B Datasheet(PDF) 9 Page - Micronas

Part # MAS9090B
Description  LOW VOLTAGE 14-BIT LINEAR CODEC
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MAS9090B Datasheet(HTML) 9 Page - Micronas

Back Button MAS9090B Datasheet HTML 5Page - Micronas MAS9090B Datasheet HTML 6Page - Micronas MAS9090B Datasheet HTML 7Page - Micronas MAS9090B Datasheet HTML 8Page - Micronas MAS9090B Datasheet HTML 9Page - Micronas MAS9090B Datasheet HTML 10Page - Micronas MAS9090B Datasheet HTML 11Page - Micronas MAS9090B Datasheet HTML 12Page - Micronas MAS9090B Datasheet HTML 13Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
DA9090B.001
January 14, 1998
9
TRANSMISSION CHARACTERISTICS
x Receive path amplitude response
(VCC = 2.7-3.6V or 4.5-5.5V, TA = -30°C to +85°C, unless otherwise specified)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Receive
gain
absolute
accuracy, HPX = 0
HPX = 1
GRA1
RX gain programmed to maximum,
apply -6dBm0 PCM code to RX,
measure SP1+ to SP1-
-0.5
-0.4
0
0.1
0.5
0.6
dB
Receive
gain
absolute
accuracy, HPX = 0
HPX = 0
GRA2
RX gain programmed to maximum,
apply -6dBm0 PCM code to RX,
measure SP2+ to SP2-
-0.5
-0.4
0
0.1
0.5
0.6
dB
Receive gain variation with
programmed gain
GRAG1
Measure SP1 gain over the range
from
maximum
to
minimum
setting,
calculate
the
deviation
from the programmed gain relative
to GRA1, i.e. GRAG1 = Gactual-Gprog-
GRA1
-0.5
0.5
dB
Receive gain variation with
programmed gain
GRAG2
Measure SP2 gain over the range
from
maximum
to
minimum
setting,
calculate
the
deviation
from the programmed gain relative
to GRA2, i.e. GRAG2 = Gactual-Gprog-
GRA2
-0.5
0.5
dB
Receive gain variation with
temperature
GRAT
Measured relative to GRA1 or GRA2
min. gain < GR < max. gain
-0.1
0.1
dB
Receive gain variation with
supply
GRAV
Measured relative to GRA1 or GRA2
GR = maximum gain
-0.1
0.1
dB
Receive gain variation with
frequency (SP1 and SP2)
GRAF
Relative
to
1.015625
kHz,
multitone test technique used.
min. gain < GR < max. gain.
HPR = 0
f = 60 Hz
-34
-33
dB
f = 100 Hz
-38
-35
f = 200 Hz
-12
-10
f = 300 Hz
-1.5
-0.5
0.5
f = 400 Hz to 3000 Hz
-0.5
0.5
f = 3400 Hz
-1.5
-1.3
0.0
f = 4000 Hz
-15
-14
HPR = 1
f = 60 Hz to 3000 Hz
-0.5
0.5
f = 3000 to 4000 Hz, see HPR=0
Receive gain variation with
signal level (SP1)
GRAL1
Sinusoidal test method, reference
level = -10 dBm0
RX = -40 dBm0 to -3 dBm0
-0.5
0.5
dB
RX = -50 dBm0 to -40 dBm0
-0.5
0.5
RX = -55 dBm0 to -50 dBm0
-1.2
1.2
Receive gain variation with
signal level (SP2)
GRAL2
Sinusoidal test method, reference
level = -10 dBm0
RX = -40 dBm0 to -3 dBm0
-0.5
0.5
dB
RX = -50 dBm0 to -40 dBm0
-0.5
0.5
RX = -55 dBm0 to -50 dBm0
-1.2
1.2
Tone
Generator
gain
absolute accuracy
GRTONE
Measure signal level at SP1
-1
1
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com