Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS9090B Datasheet(PDF) 21 Page - Micronas

Part # MAS9090B
Description  LOW VOLTAGE 14-BIT LINEAR CODEC
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MAS9090B Datasheet(HTML) 21 Page - Micronas

Back Button MAS9090B Datasheet HTML 17Page - Micronas MAS9090B Datasheet HTML 18Page - Micronas MAS9090B Datasheet HTML 19Page - Micronas MAS9090B Datasheet HTML 20Page - Micronas MAS9090B Datasheet HTML 21Page - Micronas MAS9090B Datasheet HTML 22Page - Micronas MAS9090B Datasheet HTML 23Page - Micronas MAS9090B Datasheet HTML 24Page - Micronas MAS9090B Datasheet HTML 25Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
DA9090B.001
January 14, 1998
21
FUNCTIONAL DESCRIPTION
Control register CR2
7
6
5
4
3
2
1
0
Function
d7
d6
d5
d4
d3
d2
d1
d0
msb
Data sent to RX path or data received from
RX input
Control register CR3
7
6
5
4
3
2
1
0
Function
d7
d6
d5
d4
d3
d2
d1
d0
msb
TX data transmitted
Control register CR4
7
6
5
4
3
2
1
0
Function
VS
TE
SI
OE1
OE2
RTE
HPR
SE
0
0
1
1
0
1
0
1
TX input muted
*
MIC1 selected
MIC2 selected
MIC3 selected
0
1
Internal side tone disabled
*
Internal side tone enabled
0
0
1
1
0
1
0
1
RX output muted
*
SP1 output selected
SP2 output selected
NOT ALLOWED
0
1
Ring/Tone to SP1 or SP2 disabled
*
Ring/Tone to SP1 or SP2 enabled
0
1
Receive HP filter enabled
*
Receive HP filter disabled
0
1
RX signal to SP1 or SP2 disabled
*
RX signal to SP1 or SP2 enabled
Control register CR5
7
6
5
4
3
2
1
0
Function
TX Gain
Sidetone Gain
0
0
-
1
0
0
-
1
0
0
-
1
0
1
-
1
0 dB gain
*
1.5 dB gain
in 1.5 dB steps
22.5 dB gain
0
0
-
1
0
0
-
1
0
0
-
1
0
1
-
1
-12.5 dB gain
*
-13.5 dB gain
in 1 dB steps
-27.5 dB gain
*
state at power on initialization



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com