Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST5092 Datasheet (PDF) - STMicroelectronics

ST5092 Datasheet PDF - STMicroelectronics
Part # ST5092
Download  ST5092 Download
File Size   272.13 Kbytes
Page   29 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 2.7V SUPPLY 14-BIT LINEAR CODEC WITH HIGH-PERFORMANCE AUDIO FRONT-END

ST5092 Datasheet (PDF)

Go To PDF Page Download Datasheet
ST5092 Datasheet PDF - STMicroelectronics

Part # ST5092
Download  ST5092 Click to download

File Size   272.13 Kbytes
Page   29 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 2.7V SUPPLY 14-BIT LINEAR CODEC WITH HIGH-PERFORMANCE AUDIO FRONT-END

ST5092 Datasheet (HTML) - STMicroelectronics


ST5092 Product details

GENERAL DESCRIPTION
ST5092 is a high performance low power combined PCM CODEC/FILTER device tailored to implement the audio front-end functions required by the next generation low voltage/low power consumption digital terminals.
   
FEATURES:
Complete CODEC and FILTER system including:
■ 14 BIT LINEAR ANALOG TO DIGITAL AND
    DIGITAL TO ANALOG CONVERTERS.
■ 8 BIT COMPANDED ANALOG TO DIGITAL
    AND DIGITAL TO ANALOG CONVERTERS
    A-LAW OR µ-LAW.
■ TRANSMITANDRECEIVE BAND-PASSFILTERS
■ ACTIVE ANTIALIAS NOISE FILTER.
   
Phone Features:
■ THREE SWITCHABLE MICROPHONE AMPLIFIER
    INPUTS. GAIN PROGRAMMABLE:
    20 dB PREAMP. (+MUTE), 0 . . 22.5 dB AMPLIFIER,
    1.5 dB STEPS.
■ EARPIECE AUDIO OUTPUT. ATTENUATION
    PROGRAMMABLE: 0 . . 30 dB, 2 dB STEPS.
■ EXTERNAL AUDIO OUTPUT. ATTENUATION
    PROGRAMMABLE: 0 . . 30 dB, 2 dB STEPS.
■ TRANSIENT SUPRESSION SIGNAL DURING
    POWER ON AND DURING AMPLIFIER
    SWITCHING.
■ INTERNAL PROGRAMMABLE SIDETONE
    CIRCUIT. ATTENUATION PROGRAMMABLE:
    16 dB RANGE, 1 dB STEP. ROUTING POSSIBLE
    TO BOTH OUTPUTS.
■ INTERNAL RING OR TONE GENERATOR INCLUDING
    DTMF TONES, SINEWAVE OR SQUAREWAVE
    WAVEFORMS. ATTENUATION PROGRAMMABLE:
    27dB RANGE, 3dB STEP. THREE FREQUENCY RANGES:
    a) 3.9Hz . . . . 996Hz, 3.9Hz STEP
    b) 7.8Hz . . . . 1992Hz, 7.8Hz STEP
    c) 15.6Hz . . . . 3984Hz, 15.6Hz STEP
■ PROGRAMMABLE PULSE WIDTH MODULATED
    BUZZER DRIVER OUTPUT.
   
General Features:
■ SINGLE 2.7V to 3.6V SUPPLY
■ EXTENDED TEMPERATURE RANGE OPERATION (*)
    -40°C to85°C.
■ 1.5 µW STANDBY POWER (TYP. AT 3.0V).
■ 15mW OPERATING POWER (TYP. AT 3.0V).
■ 13mW OPERATING POWER (TYP. AT 2.7V).
■ CMOS COMPATIBLE DIGITAL INTERFACES.
■ PROGRAMMABLE PCM AND CONTROL
    INTERFACE MICROWIRE COMPATIBLE.
   
APPLICATIONS:
■ GSM DIGITAL CELLULAR TELEPHONES.
■ CT2 DIGITAL CORDLESS TELEPHONES.
■ DECT DIGITAL CORDLESS TELEPHONES.
■ BATTERY OPERATED AUDIO FRONT-ENDS
    FOR DSPs.
   




Similar Part No. - ST5092

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST5090 STMICROELECTRONICS-ST5090 Datasheet
269Kb / 29P
LOW VOLTAGE 14-BIT LINEAR CODEC WITH HIGH-PERFORMANCE AUDIO FRONT-END
Feb-1996
ST5090AD STMICROELECTRONICS-ST5090AD Datasheet
269Kb / 29P
LOW VOLTAGE 14-BIT LINEAR CODEC WITH HIGH-PERFORMANCE AUDIO FRONT-END
Feb-1996
ST5090ADTR STMICROELECTRONICS-ST5090ADTR Datasheet
269Kb / 29P
LOW VOLTAGE 14-BIT LINEAR CODEC WITH HIGH-PERFORMANCE AUDIO FRONT-END
Feb-1996
ST5090TQFP STMICROELECTRONICS-ST5090TQFP Datasheet
269Kb / 29P
LOW VOLTAGE 14-BIT LINEAR CODEC WITH HIGH-PERFORMANCE AUDIO FRONT-END
Feb-1996
ST5090TQFPTR STMICROELECTRONICS-ST5090TQFPTR Datasheet
269Kb / 29P
LOW VOLTAGE 14-BIT LINEAR CODEC WITH HIGH-PERFORMANCE AUDIO FRONT-END
Feb-1996
More results


Similar Description - ST5092

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST5090 STMICROELECTRONICS-ST5090 Datasheet
269Kb / 29P
LOW VOLTAGE 14-BIT LINEAR CODEC WITH HIGH-PERFORMANCE AUDIO FRONT-END
Feb-1996
logo
Asahi Kasei Microsystem...
AK4626A AKM-AK4626A Datasheet
560Kb / 40P
High Performance Multi-channel Audio CODEC
logo
STMicroelectronics
STW5093 STMICROELECTRONICS-STW5093 Datasheet
627Kb / 34P
2.7V SUPPLY 14-BIT LINEAR CODEC WITH HIGH-PERFORMANCE AUDIO FRONT-END
Mar-2004
logo
Asahi Kasei Microsystem...
AK4628A AKM-AK4628A Datasheet
546Kb / 41P
High Performance Multi-channel Audio CODEC
logo
Micronas
MAS9090B MICRONAS-MAS9090B Datasheet
564Kb / 30P
LOW VOLTAGE 14-BIT LINEAR CODEC
logo
ams AG
AS3543 AMSCO-AS3543 Datasheet
534Kb / 4P
High End Stereo Audio Codec with System PMU
logo
Sanyo Semicon Device
LA1193M SANYO-LA1193M_08 Datasheet
1Mb / 22P
High-Performance FM Front End
LA1193V SANYO-LA1193V Datasheet
643Kb / 22P
High-Performance FM Front End
logo
STMicroelectronics
STW5093CYLT STMICROELECTRONICS-STW5093CYLT Datasheet
620Kb / 34P
2.7V SUPPLY 14-BIT LINEAR CODEC WITH HIGH-PERFORMANCE AUDIO FRONT-END
Mar-2004
logo
Wolfson Microelectronic...
WM8998 WOLFSON-WM8998 Datasheet
4Mb / 307P
High Performance Audio Hub CODEC
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com