Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST5092 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST5092
Description  2.7V SUPPLY 14-BIT LINEAR CODEC WITH HIGH-PERFORMANCE AUDIO FRONT-END
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST5092 Datasheet(HTML) 1 Page - STMicroelectronics

  ST5092 Datasheet HTML 1Page - STMicroelectronics ST5092 Datasheet HTML 2Page - STMicroelectronics ST5092 Datasheet HTML 3Page - STMicroelectronics ST5092 Datasheet HTML 4Page - STMicroelectronics ST5092 Datasheet HTML 5Page - STMicroelectronics ST5092 Datasheet HTML 6Page - STMicroelectronics ST5092 Datasheet HTML 7Page - STMicroelectronics ST5092 Datasheet HTML 8Page - STMicroelectronics ST5092 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
ST5092
2.7V SUPPLY 14-BIT LINEAR CODEC
WITH HIGH-PERFORMANCE AUDIO FRONT-END
PRELIMINARY DATA
FEATURES:
Complete CODEC and FILTER system including:
14 BIT LINEAR ANALOG TO DIGITAL AND
DIGITAL TO ANALOG CONVERTERS.
8 BIT COMPANDED ANALOG TO DIGITAL
AND DIGITAL TO ANALOG CONVERTERS
A-LAW OR
µ-LAW.
TRANSMIT AND RECEIVE BAND-PASS FILTERS
ACTIVE ANTIALIAS NOISE FILTER.
Phone Features:
THREE SWITCHABLE MICROPHONE AM-
PLIFIER INPUTS. GAIN PROGRAMMABLE:
20 dB PREAMP. (+MUTE), 0 . . 22.5 dB AM-
PLIFIER, 1.5 dB STEPS.
EARPIECE AUDIO OUTPUT. ATTENUATION
PROGRAMMABLE: 0 . . 30 dB, 2 dB STEPS.
EXTERNAL AUDIO OUTPUT. ATTENUATION
PROGRAMMABLE: 0 . . 30 dB, 2 dB STEPS.
TRANSIENT SUPRESSION SIGNAL DURING
POWER
ON
AND
DURING
AMPLIFIER
SWITCHING.
INTERNAL
PROGRAMMABLE
SIDETONE
CIRCUIT. ATTENUATION PROGRAMMABLE:
16 dB RANGE, 1 dB STEP. ROUTING POSSI-
BLE TO BOTH OUTPUTS.
INTERNAL RING OR TONE GENERATOR IN-
CLUDING DTMF TONES, SINEWAVE OR
SQUAREWAVE
WAVEFORMS.
ATTENU-
ATION PROGRAMMABLE: 27dB RANGE,
3dB STEP. THREE FREQUENCY RANGES:
a) 3.9Hz . . . . 996Hz, 3.9Hz STEP
b) 7.8Hz . . . . 1992Hz, 7.8Hz STEP
c) 15.6Hz . . . . 3984Hz, 15.6Hz STEP
PROGRAMMABLE PULSE WIDTH MODU-
LATED BUZZER DRIVER OUTPUT.
General Features:
SINGLE 2.7V to 3.6V SUPPLY
EXTENDED TEMPERATURE RANGE OPERA-
TION (*) -40
°Cto85°C.
1.5
µW STANDBY POWER (TYP. AT 3.0V).
15mW OPERATING POWER (TYP. AT 3.0V).
13mW OPERATING POWER (TYP. AT 2.7V).
CMOS COMPATIBLE DIGITAL INTERFACES.
PROGRAMMABLE PCM AND CONTROL IN-
TERFACE MICROWIRE COMPATIBLE.
APPLICATIONS:
GSM DIGITAL CELLULAR TELEPHONES.
CT2 DIGITAL CORDLESS TELEPHONES.
DECT DIGITAL CORDLESS TELEPHONES.
BATTERY OPERATED AUDIO FRONT-ENDS
FOR DSPs.
(*) Functionality guaranteed in the range – 40
°C to +85°C;
Timing and Electrical Specifications are guaranteed in the range
–30
°C to +85°C.
GENERAL DESCRIPTION
ST5092 is a high performance low power combined
PCM CODEC/FILTER device tailored to implement
the audio front-end functions required by the next
generation low voltage/low power consumption
digital terminals.
ST5092 offers a number of programmable func-
tions accessed through a serial control channel that
easily interfaces to any classical microcontroller.
The PCM interface supports both non-delayed (nor-
mal and reverse) and delayed frame synchroniza-
tion modes.
ST5092 can be configurated either as a 14-bit lin-
ear or as an 8-bit companded PCM coder.
Additionally
to
the
CODEC/FILTER
function,
ST5092 includes a Tone/Ring/DTMF generator, a
sidetone generation, and a buzzer driver output.
ST5092 fulfills and exceeds D3/D4 and CCITT rec-
ommendations and ETSI requirements for digital
handset terminals.
Main applications include digital mobile phones, as
cellular and cordless phones, or any battery pow-
ered equipment that requires audio codecs operat-
ing at low single supply voltages
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
June 1997
TQFP44(10x10x1.4)
SO28
ORDERING NUMBERS:
Package
Dim.
Cond.
ST5092AD
ST5092ADTR
ST5092TQFP
ST5092TQFPTR
SO28
SO28
TQFP44
TQFP44
10x10x1.4
10x10x1.4
Tube
Tape&Reel
Tray 8x20
Tape&Reel
1/29


Similar Part No. - ST5092

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST5090 STMICROELECTRONICS-ST5090 Datasheet
269Kb / 29P
LOW VOLTAGE 14-BIT LINEAR CODEC WITH HIGH-PERFORMANCE AUDIO FRONT-END
Feb-1996
ST5090AD STMICROELECTRONICS-ST5090AD Datasheet
269Kb / 29P
LOW VOLTAGE 14-BIT LINEAR CODEC WITH HIGH-PERFORMANCE AUDIO FRONT-END
Feb-1996
ST5090ADTR STMICROELECTRONICS-ST5090ADTR Datasheet
269Kb / 29P
LOW VOLTAGE 14-BIT LINEAR CODEC WITH HIGH-PERFORMANCE AUDIO FRONT-END
Feb-1996
ST5090TQFP STMICROELECTRONICS-ST5090TQFP Datasheet
269Kb / 29P
LOW VOLTAGE 14-BIT LINEAR CODEC WITH HIGH-PERFORMANCE AUDIO FRONT-END
Feb-1996
ST5090TQFPTR STMICROELECTRONICS-ST5090TQFPTR Datasheet
269Kb / 29P
LOW VOLTAGE 14-BIT LINEAR CODEC WITH HIGH-PERFORMANCE AUDIO FRONT-END
Feb-1996
More results

Similar Description - ST5092

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST5090 STMICROELECTRONICS-ST5090 Datasheet
269Kb / 29P
LOW VOLTAGE 14-BIT LINEAR CODEC WITH HIGH-PERFORMANCE AUDIO FRONT-END
Feb-1996
logo
Asahi Kasei Microsystem...
AK4626A AKM-AK4626A Datasheet
560Kb / 40P
High Performance Multi-channel Audio CODEC
logo
STMicroelectronics
STW5093 STMICROELECTRONICS-STW5093 Datasheet
627Kb / 34P
2.7V SUPPLY 14-BIT LINEAR CODEC WITH HIGH-PERFORMANCE AUDIO FRONT-END
Mar-2004
logo
Asahi Kasei Microsystem...
AK4628A AKM-AK4628A Datasheet
546Kb / 41P
High Performance Multi-channel Audio CODEC
logo
Micronas
MAS9090B MICRONAS-MAS9090B Datasheet
564Kb / 30P
LOW VOLTAGE 14-BIT LINEAR CODEC
logo
ams AG
AS3543 AMSCO-AS3543 Datasheet
534Kb / 4P
High End Stereo Audio Codec with System PMU
logo
Sanyo Semicon Device
LA1193M SANYO-LA1193M_08 Datasheet
1Mb / 22P
High-Performance FM Front End
LA1193V SANYO-LA1193V Datasheet
643Kb / 22P
High-Performance FM Front End
logo
STMicroelectronics
STW5093CYLT STMICROELECTRONICS-STW5093CYLT Datasheet
620Kb / 34P
2.7V SUPPLY 14-BIT LINEAR CODEC WITH HIGH-PERFORMANCE AUDIO FRONT-END
Mar-2004
logo
Wolfson Microelectronic...
WM8998 WOLFSON-WM8998 Datasheet
4Mb / 307P
High Performance Audio Hub CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com