Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST5092 Datasheet(PDF) 12 Page - STMicroelectronics

Part # ST5092
Description  2.7V SUPPLY 14-BIT LINEAR CODEC WITH HIGH-PERFORMANCE AUDIO FRONT-END
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST5092 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button ST5092 Datasheet HTML 8Page - STMicroelectronics ST5092 Datasheet HTML 9Page - STMicroelectronics ST5092 Datasheet HTML 10Page - STMicroelectronics ST5092 Datasheet HTML 11Page - STMicroelectronics ST5092 Datasheet HTML 12Page - STMicroelectronics ST5092 Datasheet HTML 13Page - STMicroelectronics ST5092 Datasheet HTML 14Page - STMicroelectronics ST5092 Datasheet HTML 15Page - STMicroelectronics ST5092 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
Table 10: Control Register CR8 Functions
7
6
54
32
10
Function
f17
f16
f15
f14
f13
f12
f11
f10
msb
lsb
Binary equivalent of the decimal number used to calculate f1
Table 11: Control Register CR9 Functions
7
6
54
32
10
Function
f27
f26
f25
f24
f23
f22
f21
f20
msb
lsb
Binary equivalent of the decimal number used to calculate f2
Table 13: Control Register CR11 Functions
7
6
54
32
10
Function
BE
BI
BZ5
BZ4
BZ3
BZ2
BZ1
BZ0
0
1
Buzzer output disabled (set to 0)
*
Buzzer output enabled
0
1
Duty Cycle is intended as the relative width of logic 1
*
Duty cycle is intended as the relative width of logic 0
msb
lsb
Binary equivalent of the decimal number used to calculate the
duty cycle.
* state at power on initialization
Table 12: Control Register CR10 Functions
7
6
54
32
10
Function
DFT
HFT
XX
XXXX
0
0
1
1
0
1
0
1
(*) Standard Frequency Tone Range
Halved Frequency Tone Range
Doubled Frequency Tone Range
Forbidden
(*) Default values inserted into the Register at Power On.
X reserved, write 0.
ST5092
12/29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com