Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST5092 Datasheet(PDF) 8 Page - STMicroelectronics

Part # ST5092
Description  2.7V SUPPLY 14-BIT LINEAR CODEC WITH HIGH-PERFORMANCE AUDIO FRONT-END
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST5092 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button ST5092 Datasheet HTML 4Page - STMicroelectronics ST5092 Datasheet HTML 5Page - STMicroelectronics ST5092 Datasheet HTML 6Page - STMicroelectronics ST5092 Datasheet HTML 7Page - STMicroelectronics ST5092 Datasheet HTML 8Page - STMicroelectronics ST5092 Datasheet HTML 9Page - STMicroelectronics ST5092 Datasheet HTML 10Page - STMicroelectronics ST5092 Datasheet HTML 11Page - STMicroelectronics ST5092 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
II PROGRAMMABLE FUNCTIONS
For both formats of Digital Interface, programma-
ble functions are configured by writing to a num-
ber of registers using a 2-byte write cycle.
Most of these registers can also be read-back for
verification. Byte one is always register address,
while byte two is Data.
Table 1 lists the register set and their respective
adresses.
Table 1: Programmable Register Intructions
Function
Address byte
Data byte
76
54321
0
Single byte Power up/down
P
X
X
X
X
X
0
X
none
Write CR0
P
0
00001
X
see CR0 TABLE 2
Read-back CR0
P
0
00011
X
see CR0
Write CR1
P
0
00101
X
see CR1 TABLE 3
Read-back CR1
P
0
00111
X
see CR1
Write Data to receive path
P
0
01001
X
see CR2 TABLE 4
Read data from DR
P
0
01011
X
see CR2
Write Data to DX
P
0
01101
X
see CR3 TABLE 5
Write CR4
P
0
10001
X
see CR4 TABLE 6
Read-back CR4
P
0
10011
X
see CR4
Write CR5
P
0
10101
X
see CR5 TABLE 7
Read-back CR5
P
0
10111
X
see CR5
Write CR6
P
0
11001
X
see CR6 TABLE 8
Read-back CR6
P
0
11011
X
see CR6
Write CR7
P
0
11101
X
see CR7 TABLE 9
Read-back CR7
P
0
11111
X
see CR7
Write CR8
P
1
00001
X
see CR8 TABLE 10
Read-back CR8
P
1
00011
X
see CR8
Write CR9
P
1
00101
X
see CR9 TABLE 11
Read-back CR9
P
1
00111
X
see CR9
Write CR10
P
1
01001
X
see CR10 TABLE 12
Read-back CR10
P
1
01011
X
see CR10
Write CR11
P
1
01101
X
see CR11 TABLE 13
Read-back CR11
P
1
01111
X
see CR11
Write Test Register CR14
P
1
11001
X
reserved
NOTE 1:
bit 7 of the address byte and data byte is always the first bit clocked into or out from: CI and CO pins when MICROWIRE serial
port is enabled.
X = reserved: write 0
NOTE 2:
”P” bit is Power up/down Control bit. P = 1 Means Power Down.
Bit 1 indicates, if set, the presence of a second byte.
NOTE 3:
Bit 2 is write/read select bit.
NOTE 4:
Registers CR12, CR13, and CR15 are not accessible.
ST5092
8/29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com