Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST5092 Datasheet(PDF) 3 Page - STMicroelectronics

Part # ST5092
Description  2.7V SUPPLY 14-BIT LINEAR CODEC WITH HIGH-PERFORMANCE AUDIO FRONT-END
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST5092 Datasheet(HTML) 3 Page - STMicroelectronics

  ST5092 Datasheet HTML 1Page - STMicroelectronics ST5092 Datasheet HTML 2Page - STMicroelectronics ST5092 Datasheet HTML 3Page - STMicroelectronics ST5092 Datasheet HTML 4Page - STMicroelectronics ST5092 Datasheet HTML 5Page - STMicroelectronics ST5092 Datasheet HTML 6Page - STMicroelectronics ST5092 Datasheet HTML 7Page - STMicroelectronics ST5092 Datasheet HTML 8Page - STMicroelectronics ST5092 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
PIN FUNCTIONS (SO28)
Pin
Name
Description
1
N.C.
Not Connected.
2VCCA
Positive power supply input for the analog section.
VCC and VCCA must be directly connected together.
3VCCP
Positive power supply input for the power section. VCCP and VCC must be connected together.
4
N.C.
Not Connected.
5,6
VFr+,VFr– Receive analog earpiece amplifier complementary outputs. These outputs can drive directly earpiece
transductor. The signal at this output can be the sum of:
- Receive Speech signal from DR,
- Internal Tone Generator,
- Sidetone signal.
7,8
VLr+,VLr– Receive analog extra amplifier complementary outputs. The signal at these outputs can be the
sum of:
- Receive Speech signal from DR,
- Internal Tone generator,
- Sidetone signal.
9
GNDP
Power ground. VFr and VLr driver are referenced to this pin. GNDP and GND must be connected
together close to the device.
10
DR
Receive data input: Data is shifted in during the assigned Received time slots In delayed and non-
delayed normal frame synchr. modes voice data byte is shifted in at the MCLK frequency on the
falling edges of MCLK, while in non-delayed reverse frame synchr. mode voice data byte is shifted in
at the MCLK frequency on the rising edges of MCLK.
11
CCLK
Control Clock input: This clock shifts serial control information into CI and out from CO when the
CS- input is low, depending on the current instruction. CCLK may be asynchronous with the other
system clocks.
12
CS-
Chip Select input: When this pin is low, control information is written into and out from the ST5092
via CI and CO pins.
13
CI
Control data Input: Serial Control information is shifted into the ST5092 on this pin when CS- is low
on the rising edges of CCLK.
14
BZ
Pulse width modulated buzzer driver output.
15
VCC
Positive power supply input for the digital section.
16
CO
Control data Output: Serial control/status information is shifted out from the ST5092 on this pin
when CS- is low on the falling edges of CCLK.
17
DX
Transmit Data ouput: Data is shifted out on this pin during the assigned transmit time slots.
Elsewhere DX output is in the high impedance state. In delayed and non-delayed normal frame
synchr. modes, voice data byte is shifted out from TRISTATE output DX at the MCLK on the rising
edge of MCLK, while in non-delayed reverse frame synchr mode voice data byte is shifted out on
the falling edge of MCLK.
18
GND
Ground: All digital signals are referenced to this pin.
19
FS
Frame Sync input: This signal is a 8kHz clock which defines the start of the transmit and receive
frames. Any of three formats may be used for this signal: non delayed normal mode, delayed
mode, and non delayed reverse mode.
20
MCLK
Master Clock Input: This signal is used by the switched capacitor filters and the encoder/decoder
sequencing logic. Values must be 512 kHz, 1.536 MHz, 2.048 MHz or 2.56 MHz selected by means of
Control Register CRO. MCLK is used also to shift-in and out data.
21
LO
A logic 1 written into DO (CR1) appears at LO pin as a logic 0
A logic 0 written into DO (CR1) appears at LO pin as a logic 1.
22
MIC2-
Second negative high impedance input to transmit pre-amplifier for microphone connection.
23
MIC2+
Second Positive high impedance input to transmit pre-amplifier for microphone connection.
24
MIC1-
Negative high impedance input to transmit pre-amplifier for microphone connection.
25
MIC1+
Positive high impedance input to transmit pre-amplifier for microphone connection.
26
GNDA
Analog Ground: All analog signals are referenced to this pin. GND and GNDA must be connected
together close to the device.
27
MIC3-
Third negative high impedance output to transmit preamplifier for microphone connection.
28
MIC3+
Third positive high impedance output to transmit preamplifier for microphone connection.
ST5092
3/29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com