Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST5092 Datasheet(PDF) 7 Page - STMicroelectronics

Part # ST5092
Description  2.7V SUPPLY 14-BIT LINEAR CODEC WITH HIGH-PERFORMANCE AUDIO FRONT-END
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST5092 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button ST5092 Datasheet HTML 3Page - STMicroelectronics ST5092 Datasheet HTML 4Page - STMicroelectronics ST5092 Datasheet HTML 5Page - STMicroelectronics ST5092 Datasheet HTML 6Page - STMicroelectronics ST5092 Datasheet HTML 7Page - STMicroelectronics ST5092 Datasheet HTML 8Page - STMicroelectronics ST5092 Datasheet HTML 9Page - STMicroelectronics ST5092 Datasheet HTML 10Page - STMicroelectronics ST5092 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
propriate programmable register. CS- must return
high at the end of the 2nd byte.
To read-back status information from ST5092, the
first byte of the appropriate instruction is strobed
in during the first CS- pulse, as defined in Table
1. CS- must be set low for a further 8 CCLK cy-
cles, during which data is shifted out of the CO
pin on the falling edges of CCLK.
When CS- is high, CO pin is in the high imped-
ance Tri-state, enabling CO pins of several de-
vices to be multiplexed together.
Thus, to summarise, 2 byte READ and WRITE in-
structions may use either two 8-bit wide CS-
pulses or a single 16 bit wide CS- pulse.
I.8 Control channel access to PCM interface:
It is possible to access the B channel previously
selected in Register CR1 in the case of com-
panded code only.
A byte written into Control Register CR3 will be
automatically transmitted from DX output in the
following frame in place of the transmit PCM data.
A byte written into Control Register CR2 will be
automatically sent through the receive path to the
Receive amplifiers.
In order to implement a continuous data flow from
the Control MICROWIRE interface to a B chan-
nel, it is necessary to send the control byte on
each PCM frame.
A current byte received on DR input can be read
in the register CR2. In order to implement a con-
tinuous data flow from a B channel to MI-
CROWIRE interface, it is necessary to read regis-
ter CR2 at each PCM frame.
(non delayed timing)
(delayed timing)
F5
F6
X
B2
B1
XX
B2
B1
MCLK
DR
DX
FORMAT 1
(non delayed timing)
(delayed timing)
F8
F9
XB2
B1
XX
B2
B1
MCLK
DR
DX
FORMAT 2
D93TL075
Figure 1: Digital Interface Format (*)
(*) Significant Only For Companded Code.
ST5092
7/29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com