Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST5092 Datasheet(PDF) 5 Page - STMicroelectronics

Part # ST5092
Description  2.7V SUPPLY 14-BIT LINEAR CODEC WITH HIGH-PERFORMANCE AUDIO FRONT-END
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST5092 Datasheet(HTML) 5 Page - STMicroelectronics

  ST5092 Datasheet HTML 1Page - STMicroelectronics ST5092 Datasheet HTML 2Page - STMicroelectronics ST5092 Datasheet HTML 3Page - STMicroelectronics ST5092 Datasheet HTML 4Page - STMicroelectronics ST5092 Datasheet HTML 5Page - STMicroelectronics ST5092 Datasheet HTML 6Page - STMicroelectronics ST5092 Datasheet HTML 7Page - STMicroelectronics ST5092 Datasheet HTML 8Page - STMicroelectronics ST5092 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
FUNCTIONAL DESCRIPTION
I DEVICE OPERATION
I.1 Power on initialization:
When power is first applied, power on reset cir-
cuitry initializes ST5092 and puts it into the power
down state. Gain Control Registers for the various
programmable gain amplifiers and programmable
switches are initialized as indicated in the Control
Register description section. All CODEC functions
are disabled.
The desired selection for all programmable func-
tions may be intialized prior to a power up com-
mand using the MICROWIRE control channel.
I.2 Power up/down control:
Following power-on initialization, power up and
power down control may be accomplished by writ-
ing any of the control instructions listed in Table 1
into ST5092 with ”P” bit set to 0 for power up or 1
for power down.
Normally, it is recommended that all programma-
ble functions be initially programmed while the
device is powered down. Power state control can
then be included with the last programming in-
struction or in a separate single byte instruction.
Any of the programmable registers may also be
modified while ST5092 is powered up or down by
setting ”P” bit as indicated. When power up or
down control is entered as a single byte instruc-
tion, bit 1 must be set to a 0.
When a power up command is given, all de-acti-
vated circuits are activated, but output DX will re-
main in the high impedance state until the second
Fs pulse after power up.
I.3 Power down state:
Following a period of activity, power down state
may be reentered by writing a power down in-
struction.
Control Registers remain in their current state and
can be changed by MICROWIRE control inter-
face.
In addition to the power down instruction, detec-
tion of loss MCLK (no transition detected) auto-
matically enters the device in ”reset” power down
state with DX output in the high impedance state.
I.4 Transmit section:
Transmit analog interface is designed in two
stages to enable gains up to 42.5 dB to be real-
ized. Stage 1 is a low noise differential amplifier
providing 20 dB gain. A microphone may be ca-
pacitevely connected to MIC1+, MIC1- inputs,
while the MIC2+ MIC2– and MIC3+ MIC3- inputs
may be used to capacitively connect a second mi-
crophone or a third microphone respectively or an
auxiliary audio circuit. MIC1 or MIC2 or MC3 or
transmit mute is selected with bits 6 and 7 of reg-
ister CR4.
In the mute case, the analog transmit signal is
grounded and the sidetone path is also disabled.
Following the first stage is a programmable gain
amplifier which provides from 0 to 22.5 dB of ad-
ditional gain in 1.5dB step. The total transmit gain
should be adjusted so that, at reference point A,
see Block Diagram description, the internal 0
dBm0 voltage is 0.49 Vrms (overload level is 0.7
Vrms). Second stage amplifier gain can be pro-
grammed with bits 4 to 7 of CR5.
An active RC prefilter then precedes the 8th order
band pass switched capacitor filter. A/D converter
can be either a 14-bit linear (bit CM = 0 in register
CR0) or can have a compressing characteristics
(bit CM = 1 in register CR0) according to CCITT A
or MU255 coding laws. A precision on chip volt-
age reference ensures accurate and highly stable
transmission levels.
Any offset voltage arising in the gain-set amplifier,
the filters or the comparator is cancelled by an in-
ternal autozero circuit.
Each encode cycle begins immediatly at the be-
ginning of the selected Transmit time slot. The to-
tal signal delay referenced to the start of the time
slot is approximatively 195
µs (due to the transmit
filter) plus 125
µs (due to encoding delay), which
totals 320
µs. Voice data is shifted out on DX dur-
ing the selected time slot on the transmit rising
edges of MCLK in delayed or non-delayed normal
mode or on the falling edges of MCLK in non-de-
layed reverse mode.
I.5 Receive section:
Voice Data is shifted into the decoder’s Receive
voice data Register via the DR pin during the se-
lected time slot on the falling edges of MCLK in
delayed or non-delayed normal mode or on the
rising edges of MCLK in non-delayed reverse
mode.
The decoder consists of either a 14-bit linear or
an expanding DAC with A or MU255 law decod-
ing characteristic. Following the Decoder is a
3400 Hz 8th order band-pass switched capacitor
filter with integral Sin X/X correction for the 8 kHz
sample and hold.
0 dBmO voltage at this (B) reference point (see
Block Diagram description) is 0.49 Vrms. A tran-
scient suppressing circuitry ensure interference
noise suppression at power up.
The analog speech signal output can be routed
either to earpiece (VFR+,VFR- outputs) or to an ex-
tra analog output (VLr+,VLr- outputs) by setting
bits OE and SE (1 and 0 of CR4).
Total signal delay is approximatively 190
µs (filter
plus decoding delay) plus 62.5
µs (1/2 frame)
which gives approximatively 252
µs.
Differential outputs VFR+,VFR- are intended to di-
rectly drive an earpiece. Preceding the outputs is
a programmable attenuation amplifier, which must
ST5092
5/29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com