Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST5092 Datasheet(PDF) 21 Page - STMicroelectronics

Part # ST5092
Description  2.7V SUPPLY 14-BIT LINEAR CODEC WITH HIGH-PERFORMANCE AUDIO FRONT-END
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST5092 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button ST5092 Datasheet HTML 17Page - STMicroelectronics ST5092 Datasheet HTML 18Page - STMicroelectronics ST5092 Datasheet HTML 19Page - STMicroelectronics ST5092 Datasheet HTML 20Page - STMicroelectronics ST5092 Datasheet HTML 21Page - STMicroelectronics ST5092 Datasheet HTML 22Page - STMicroelectronics ST5092 Datasheet HTML 23Page - STMicroelectronics ST5092 Datasheet HTML 24Page - STMicroelectronics ST5092 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
ANALOG INTERFACES
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
IMIC
Input Leakage
GND < VMIC <VCC
-100
+100
µA
RMIC
Input Resistance
GND < VMIC <VCC
50
k
Ω
RLVFr
Load Resistance (*)
VFr+ to VFr-
30
Ω
CLVFr
Load Capacitance (*)
From VFr+ to VFr-
50
nF
ROVFr0
Output Resistance
Steady zero PCM code applied
to DR; I = + 1mA
1.0
Ω
VOSVFr0
Differential offset:
Voltage at VFr+,VFr-
Alternating + zero PCM code
applied to DR maximum
receive gain; RL = 100
Ω
-100
+100
mV
RLvLr
Load Resistance (*)
VLr+ to VLr-
30
Ω
CLvLr
Load Capacitance (*)
from VLr+ to VLr-
50
nF
ROLVrO
Output Resistance
Steady zero PCM code applied
to DR; I + 1mA
1
Ω
VOSVLrO
Differential offset Voltage at
VLr+,VLr-
Alternating + zero PCM code
applied to DR maximum
receive gain; RL =50
Ω
–100
+100
mV
(*) See application note for VFr and VLr connections.
POWER DISSIPATION
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
ICC0
Power down Current
CCLK,CI = 0.1V; CS = VCC-0.1V
0.5
5
µA
ICC1
Power Up Current
VLr+,VLr- and VFr+,VFr- not
loaded
58
mA
TRANSMISSION CHARACTERISTICS ( unl ess oth erwise spe cifi ed , VCC =2 .7V to 3. 6V, T A =
–30
°Cto 85°C; typical characteristics are specified at VCC =3.0V, TA =25°C, MIC1/2/3
= 0dBm0, DR = –6dBm0 PCM code, f = 1015.625 Hz; all signal are referenced to GND)
AMPLITUDE RESPONSE (Maximum, Nominal, and Minimum Levels)
Transmit path - Absolute levels at MIC1 / MIC2 / MIC3
Parameter
Test Condition
Min.
Typ.
Max.
Unit
0 dBm0 level
Transmit Amps connected for
20dB gain
49.26
mVRMS
Overload level
70.71
mVRMS
0 dBm0 level
Transmit Amps connected for
42.5dB gain
3.694
mVRMS
Overload level
5.302
mVRMS
ST5092
21/29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com