Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST5092 Datasheet(PDF) 26 Page - STMicroelectronics

Part # ST5092
Description  2.7V SUPPLY 14-BIT LINEAR CODEC WITH HIGH-PERFORMANCE AUDIO FRONT-END
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST5092 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button ST5092 Datasheet HTML 21Page - STMicroelectronics ST5092 Datasheet HTML 22Page - STMicroelectronics ST5092 Datasheet HTML 23Page - STMicroelectronics ST5092 Datasheet HTML 24Page - STMicroelectronics ST5092 Datasheet HTML 25Page - STMicroelectronics ST5092 Datasheet HTML 26Page - STMicroelectronics ST5092 Datasheet HTML 27Page - STMicroelectronics ST5092 Datasheet HTML 28Page - STMicroelectronics ST5092 Datasheet HTML 29Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 26 / 29 page
background image
APPLICATIONS
Application Note for Microphone Connections
VFr+
VFr-
VLr+
VLr-
ST5090
VFr+
VFr-
VLr+
VLr-
ST5090
R
R
VFr+
VFr-
VLr+
VLr-
ST5090
R
D93TL078A
R must be greater than 30
Ω
For higher capacitive transducers, lower R values can be used.
DYNAMIC RECEIVERS
(32
Ω)
CERAMIC RECEIVERS
(50nF)
DYNAMIC/CERAMIC RECEIVERS
(REVERSIBLE)
Application Note for VFr and VLr Connections
POWER SUPPLIES
While pins of ST5092 device are well protected
against electrical misuse, it is recommended that
the standard CMOS practise of applying GND be-
fore any other connections are made should al-
ways be followed. In applications where the
printed circuit card may be plugged into a hot
socket with power and clocks already present, an
extra long ground pin on the connector should be
used.
To minimize noise sources, all ground connec-
tions to each device should meet at a common
point as close as possible to the GND pin in order
to prevent the interaction of ground return cur-
rents flowing through a common bus impedance.
A power supply decoupling capacitor of 0.1
µF
should be connected from this common point to
VCC as close as possible to the device pins.
ST5092
ST5092
ST5092
ST5092
ST5092
ST5092
ST5092
26/29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com