Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OSV200BK Datasheet (PDF) - ABB

OSV200BK Datasheet PDF - ABB
Part # OSV200BK
Download  OSV200BK Download
File Size   198.1 Kbytes
Page   7 Pages
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB
Description UL 98 rotary style disconnects, fusible 30 A

OSV200BK Datasheet (PDF)

Go To PDF Page Download Datasheet
OSV200BK Datasheet PDF - ABB

Part # OSV200BK
Download  OSV200BK Click to download

File Size   198.1 Kbytes
Page   7 Pages
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB
Description UL 98 rotary style disconnects, fusible 30 A

OSV200BK Datasheet (HTML) - ABB




Similar Part No. - OSV200BK

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSV4D6CAC1E OPTOSUPPLY-OSV4D6CAC1E Datasheet
120Kb / 1P
4.5W Star COB Violet LED
OSV4D6CAC1E OPTOSUPPLY-OSV4D6CAC1E Datasheet
164Kb / 1P
4.5W Star COB Violet LED
OSV4DLS1C1A OPTOSUPPLY-OSV4DLS1C1A Datasheet
100Kb / 1P
3..5x2..8x1..9mm Viiollet SMD LED
OSV4SLS1C1A OPTOSUPPLY-OSV4SLS1C1A Datasheet
95Kb / 1P
3..5x2..8x1..9mm Viiollet SMD LED
OSV4YL5111A OPTOSUPPLY-OSV4YL5111A Datasheet
99Kb / 1P
5mm Violet LED Superior Weather-resistance 5mm Standard Directivity
More results


Similar Description - OSV200BK

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5343 CIRRUS-CS5343 Datasheet
370Kb / 21P
98 dB, 96 kHz, Multi-Bit Audio A/D Converter
logo
PANDUIT CORP.
DV10-250 PANDUIT-DV10-250 Datasheet
54Kb / 1P
FEMALE DISCONNECTS, VINYL INSULATED
logo
List of Unclassifed Man...
PB-1577 ETC2-PB-1577 Datasheet
97Kb / 1P
PLASTICASE (STYLE A)
logo
ON Semiconductor
NVD5862N ONSEMI-NVD5862N Datasheet
112Kb / 6P
60 V, 5.7 m, 98 A, Single N-Channel
December, 2010 ??Rev. 0
logo
List of Unclassifed Man...
HBLDS6SSAC ETC2-HBLDS6SSAC Datasheet
891Kb / 12P
Manual Motor Controllers and Disconnects
IP55 ETC2-IP55 Datasheet
138Kb / 1P
Switched Disconnects
logo
Cynergy3 Co
S2UL CYNERGY3-S2UL Datasheet
299Kb / 1P
UL Approved Axial Style Reed Relay
logo
TE Connectivity Ltd
PCFN TEC-PCFN Datasheet
1Mb / 2P
Electrical grid disconnects
logo
Eaton All Rights Reserv...
CH30J3 EATON-CH30J3 Datasheet
164Kb / 1P
Fuse-holder, low voltage, 30 A, AC 600 V, DC 600 V, UL Class J, 98 x 72 x 117 mm, 3P, UL, CSA
logo
ON Semiconductor
NVTYS003N03CL ONSEMI-NVTYS003N03CL Datasheet
344Kb / 8P
MOSFET - Power, Single, N-Channel 30 V, 98 A
May, 2021 - Rev. 0
More results




About ABB


ABB is a multinational corporation headquartered in Zurich, Switzerland. ABB is a technology leader in electrification products, robotics and motion, industrial automation, and power grids, serving customers in utilities, industry, and transport & infrastructure globally.

ABB has a wide range of products and services, including power and automation technologies, which help customers to improve energy efficiency, productivity, and safety. ABB's products include transformers, switchgear, motors, drives, robotics, and various other automation products. The company also provides services such as maintenance, retrofits, and digital solutions to help customers optimize their operations.

ABB has a presence in more than 100 countries, with over 100,000 employees worldwide. The company was founded in 1988 through the merger of ASEA AB and BBC Brown Boveri AG.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com