Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OC645WH Datasheet (PDF) - TUK Ltd

OC645WH Datasheet PDF - TUK Ltd
Part # OC645WH
Download  OC645WH Download
File Size   153.35 Kbytes
Page   2 Pages
Manufacturer  TUK [TUK Ltd]
Direct Link  https://tuk.co.uk/
Logo TUK - TUK Ltd
Description FIBERMOD – Angled Fibre Modules

OC645WH Datasheet (PDF)

Go To PDF Page Download Datasheet
OC645WH Datasheet PDF - TUK Ltd

Part # OC645WH
Download  OC645WH Click to download

File Size   153.35 Kbytes
Page   2 Pages
Manufacturer  TUK [TUK Ltd]
Direct Link  https://tuk.co.uk/
Logo TUK - TUK Ltd
Description FIBERMOD – Angled Fibre Modules

OC645WH Datasheet (HTML) - TUK Ltd


OC645WH Product details

Features

Compatible with most ‘Euro style’ 25 x 50 mm and 6C 25 x 38 mm faceplate outlets

Angled modules avoid issues with bend radius

Available in bright white (for faceplates and trunking) and black (for floorboxes etc) with individual labeling facility

Single mode fibre female to female couplers: SC/SC simplex, ST/ST simplex and LC/LC duplex

Equipped with high performance Zirconium Dioxide alignment sleeves to accommodate both single mode and multimode connectors




Similar Part No. - OC645WH

ManufacturerPart #DatasheetDescription
logo
OCX semiconductor
OC6702 OCX-OC6702 Datasheet
295Kb / 8P
Built-in 100V power MOS boost LED constant current driver
V1.0
OC6800B OCX-OC6800B Datasheet
440Kb / 7P
Built-in 100V/5A MOSFET; Boost or Buck-Boost DC-DC converter
logo
Laird Tech Smart Techno...
OC69271 LSTD-OC69271 Datasheet
1Mb / 4P
LTE Direct Mount Omnidirectional Antenna
OC69271-FNF LSTD-OC69271-FNF Datasheet
1Mb / 4P
LTE Direct Mount Omnidirectional Antenna
OC69271-FNM LSTD-OC69271-FNM Datasheet
1Mb / 4P
LTE Direct Mount Omnidirectional Antenna
More results


Similar Description - OC645WH

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXB1581Q SONY-CXB1581Q Datasheet
285Kb / 22P
Fibre Channel Transmitter
CXB1582Q SONY-CXB1582Q Datasheet
293Kb / 23P
Fibre Channel Receiver
CXB1595AN SONY-CXB1595AN Datasheet
157Kb / 14P
Fibre Channel Repeater
logo
Silicon image
SII2022 SILICONIMAGE-SII2022 Datasheet
997Kb / 2P
Fibre Channel SerDes
logo
FIDELIX
FXO-HC735RFC-10625 FIDELIX-FXO-HC735RFC-10625 Datasheet
257Kb / 2P
FIBRE CHANNEL
logo
Fox Electronics
FXO-LC735RFC-2125 FOX-FXO-LC735RFC-2125 Datasheet
187Kb / 15P
FIBRE CHANNEL
FXO-PC735RFC-2125 FOX-FXO-PC735RFC-2125 Datasheet
203Kb / 2P
FIBRE CHANNEL
FXO-PC735RFC-10625 FOX-FXO-PC735RFC-10625 Datasheet
197Kb / 2P
FIBRE CHANNEL
FXO-PC735RFC-159375 FOX-FXO-PC735RFC-159375 Datasheet
203Kb / 2P
FIBRE CHANNEL
logo
List of Unclassifed Man...
PS11395 ETC2-PS11395 Datasheet
195Kb / 7P
Duplex Fibre Patchcords
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com