Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OC6702 Datasheet (PDF) - OCX semiconductor

OC6702 Datasheet PDF - OCX semiconductor
Part # OC6702
Download  OC6702 Download
File Size   295.91 Kbytes
Page   8 Pages
Manufacturer  OCX [OCX semiconductor]
Direct Link  http://www.ocxsemi.com/
Logo OCX - OCX semiconductor
Description Built-in 100V power MOS boost LED constant current driver

OC6702 Datasheet (PDF)

Go To PDF Page Download Datasheet
OC6702 Datasheet PDF - OCX semiconductor

Part # OC6702
Download  OC6702 Click to download

File Size   295.91 Kbytes
Page   8 Pages
Manufacturer  OCX [OCX semiconductor]
Direct Link  http://www.ocxsemi.com/
Logo OCX - OCX semiconductor
Description Built-in 100V power MOS boost LED constant current driver

OC6702 Datasheet (HTML) - OCX semiconductor


OC6702 Product details

Features
Wide input voltage range: 3.6V~100V
Built-in 100V power MOS
High efficiency: up to 95%
Maximum operating frequency: 1MHz
FB current sampling voltage: 250mV
Chip power supply undervoltage protection: 3.2V
Adjustable shutdown time
Intelligent over-temperature protection
Soft start
Built-in VDD voltage regulator

Applications
LED light cups
Battery-powered LED light strings
Flat panel display LED backlights
High-power LED lighting




Similar Part No. - OC6702

ManufacturerPart #DatasheetDescription
logo
TUK Ltd
OC645WH TUK-OC645WH Datasheet
153Kb / 2P
FIBERMOD – Angled Fibre Modules
logo
OCX semiconductor
OC6800B OCX-OC6800B Datasheet
440Kb / 7P
Built-in 100V/5A MOSFET; Boost or Buck-Boost DC-DC converter
logo
Laird Tech Smart Techno...
OC69271 LSTD-OC69271 Datasheet
1Mb / 4P
LTE Direct Mount Omnidirectional Antenna
OC69271-FNF LSTD-OC69271-FNF Datasheet
1Mb / 4P
LTE Direct Mount Omnidirectional Antenna
OC69271-FNM LSTD-OC69271-FNM Datasheet
1Mb / 4P
LTE Direct Mount Omnidirectional Antenna
More results


Similar Description - OC6702

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM6287 HMSEMI-HM6287 Datasheet
458Kb / 8P
Built-in 100V power MOS step-up LED constant current driver
HM6288 HMSEMI-HM6288 Datasheet
486Kb / 8P
Built-in 60V power MOS step-up LED constant current driver
HM6287A HMSEMI-HM6287A Datasheet
581Kb / 8P
Built-in 100V power MOS boost LED constant current driver
HM6288A HMSEMI-HM6288A Datasheet
719Kb / 8P
Built-in 60V power MOS boost LED constant current driver
HM9818B HMSEMI-HM9818B Datasheet
640Kb / 5P
Built-in MOS average current type LED buck constant current driver
HM9880 HMSEMI-HM9880 Datasheet
696Kb / 5P
Built-in MOS average current type LED buck constant current driver
HM9825 HMSEMI-HM9825 Datasheet
773Kb / 5P
Built-in MOS average current type LED buck constant current driver
HM9930 HMSEMI-HM9930 Datasheet
473Kb / 7P
Built-in MOS switch step-down LED constant current driver
HM9920 HMSEMI-HM9920 Datasheet
456Kb / 7P
Built-in MOS switch step-down LED constant current driver
HM9915 HMSEMI-HM9915 Datasheet
474Kb / 7P
Built-in MOS switch step-down LED constant current driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com