Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OC6800B Datasheet (PDF) - OCX semiconductor

OC6800B Datasheet PDF - OCX semiconductor
Part # OC6800B
Download  OC6800B Download
File Size   440.2 Kbytes
Page   7 Pages
Manufacturer  OCX [OCX semiconductor]
Direct Link  http://www.ocxsemi.com/
Logo OCX - OCX semiconductor
Description Built-in 100V/5A MOSFET; Boost or Buck-Boost DC-DC converter

OC6800B Datasheet (PDF)

Go To PDF Page Download Datasheet
OC6800B Datasheet PDF - OCX semiconductor

Part # OC6800B
Download  OC6800B Click to download

File Size   440.2 Kbytes
Page   7 Pages
Manufacturer  OCX [OCX semiconductor]
Direct Link  http://www.ocxsemi.com/
Logo OCX - OCX semiconductor
Description Built-in 100V/5A MOSFET; Boost or Buck-Boost DC-DC converter

OC6800B Datasheet (HTML) - OCX semiconductor


OC6800B Product details

Features
 Built-in 100V/5A power switch
 Wide input voltage range: 5V to 36V
 High efficiency: up to 97%
 Fixed operating frequency; frequency adjustable via external resistor
 EN pin shutdown function
 FB reference voltage: 1V
 Internal frequency compensation
 Internal soft-start
 Internal thermal protection
 Internal current limiting
 ESOP8 package


Applications
 EPC/Notebook car adapters
 Boost and Buck-Boost conversion
 Power supply for handheld devices




Similar Part No. - OC6800B

ManufacturerPart #DatasheetDescription
logo
TUK Ltd
OC645WH TUK-OC645WH Datasheet
153Kb / 2P
FIBERMOD – Angled Fibre Modules
logo
OCX semiconductor
OC6702 OCX-OC6702 Datasheet
295Kb / 8P
Built-in 100V power MOS boost LED constant current driver
V1.0
logo
Laird Tech Smart Techno...
OC69271 LSTD-OC69271 Datasheet
1Mb / 4P
LTE Direct Mount Omnidirectional Antenna
OC69271-FNF LSTD-OC69271-FNF Datasheet
1Mb / 4P
LTE Direct Mount Omnidirectional Antenna
OC69271-FNM LSTD-OC69271-FNM Datasheet
1Mb / 4P
LTE Direct Mount Omnidirectional Antenna
More results


Similar Description - OC6800B

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AL8811 DIODES-AL8811 Datasheet
496Kb / 11P
Boost/Buck/Inverting DC-DC CONVERTER
Rev 2
logo
List of Unclassifed Man...
XL6019 ETC2-XL6019 Datasheet
615Kb / 13P
220KHz 60V 5A Switching Current Boost / Buck-Boost / Inverting DC/DC Converter
logo
STMicroelectronics
STBB1-AXX STMICROELECTRONICS-STBB1-AXX Datasheet
1Mb / 24P
Buck-boost DC-DC converter
29-Oct-2014
STBB1XX STMICROELECTRONICS-STBB1XX Datasheet
1Mb / 20P
Buck-boost DC-DC converter
09-Feb-2009
logo
Linear Technology
LTC3119UFD LINER-LTC3119UFD Datasheet
657Kb / 8P
18V, 5A Synchronous Buck-Boost DC/DC Converter
LTC3119 LINER-LTC3119 Datasheet
2Mb / 36P
18V, 5A Synchronous Buck-Boost DC/DC Converter
logo
Murata Manufacturing Co...
LXDC2SCAAB-352 MURATA-LXDC2SCAAB-352 Datasheet
1Mb / 23P
Buck-Boost DC-DC converter
logo
XLSEMI
XL6019 XLSEMI-XL6019 Datasheet
307Kb / 13P
180KHz 60V 5A Switching Current Boost / Buck-Boost / Inverting DC/DC Converter
logo
Shenzhen Huazhimei Semi...
HM6292 HMSEMI-HM6292 Datasheet
1Mb / 13P
180KHz 60V 5A switching current boost/buck-boost DC-DC converter
HM6299 HMSEMI-HM6299 Datasheet
424Kb / 12P
220KHz 60V 5A switching current boost/buck-boost DC-DC converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com