Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISC031N08NM6SC Datasheet (PDF) - Infineon Technologies AG

ISC031N08NM6SC Datasheet PDF - Infineon Technologies AG
Part # ISC031N08NM6SC
Download  ISC031N08NM6SC Download
File Size   1098.78 Kbytes
Page   15 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description MOSFET OptiMOS™ 6 Power ‑Transistor, 80 V

ISC031N08NM6SC Datasheet (PDF)

Go To PDF Page Download Datasheet
ISC031N08NM6SC Datasheet PDF - Infineon Technologies AG

Part # ISC031N08NM6SC
Download  ISC031N08NM6SC Click to download

File Size   1098.78 Kbytes
Page   15 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description MOSFET OptiMOS™ 6 Power ‑Transistor, 80 V

ISC031N08NM6SC Datasheet (HTML) - Infineon Technologies AG




Similar Part No. - ISC031N08NM6SC

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
ISC03 XPPOWER-ISC03 Datasheet
460Kb / 3P
DC-DC Converter
logo
Infineon Technologies A...
ISC030N10NM6 INFINEON-ISC030N10NM6 Datasheet
1Mb / 12P
OptiMOSTM 6 Power-Transistor, 100 V
Rev. 2.0, 2021-07-05
ISC030N12NM6 INFINEON-ISC030N12NM6 Datasheet
1Mb / 11P
OptiMOSTM 6 Power-Transistor, 120 V
Rev. 2.0, 2022-12-02
logo
Inchange Semiconductor ...
ISC030N12NM6 ISC-ISC030N12NM6 Datasheet
375Kb / 3P
isc N-Channel MOSFET Transistor
2023-9-19
logo
XP Power Limited
ISC0324D05 XPPOWER-ISC0324D05 Datasheet
460Kb / 3P
DC-DC Converter
More results


Similar Description - ISC031N08NM6SC

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPB025N08N3G INFINEON-IPB025N08N3G_16 Datasheet
848Kb / 10P
OptiMOS Power-Transistor, 80 V
2016-03-31
IQE050N08NM5CG INFINEON-IQE050N08NM5CG Datasheet
1Mb / 12P
MOSFET OptiMOS™M 5 Power-Transistor, 80 V
Rev. 2.0, 2021-04-26
IAUA250N04S6N005 INFINEON-IAUA250N04S6N005 Datasheet
786Kb / 12P
Automotive MOSFET OptiMOS™ 6 Power-Transistor
Rev. 1.0 2022-01-24
IAUA250N04S6N008 INFINEON-IAUA250N04S6N008 Datasheet
823Kb / 12P
Automotive MOSFET OptiMOS™ 6 Power-Transistor
Rev. 1.0 2022-01-24
ISC012N04NM6 INFINEON-ISC012N04NM6 Datasheet
1Mb / 12P
OptiMOS™ 6 Power-Transistor, 40 V
Rev. 2.0, 2021-11-09
IAUC60N04S6N044 INFINEON-IAUC60N04S6N044 Datasheet
670Kb / 9P
OptiMOS™- 6 Power-Transistor
Rev. 1.0 2019-04-01
IAUCN04S6N007T INFINEON-IAUCN04S6N007T Datasheet
1Mb / 12P
Automotive MOSFET OptiMOS™ 6 Power-Transistor
Rev 1.1 2023-08-10
IAUCN04S6N009T INFINEON-IAUCN04S6N009T Datasheet
1Mb / 12P
Automotive MOSFET OptiMOS™ 6 Power-Transistor
Rev 1.1 2023-08-21
IAUCN04S6N013T INFINEON-IAUCN04S6N013T Datasheet
1Mb / 12P
Automotive MOSFET OptiMOS™ 6 Power-Transistor
Rev. 1.1 2023-08-21
IAUCN04S6N017T INFINEON-IAUCN04S6N017T Datasheet
1Mb / 12P
Automotive MOSFET OptiMOS™ 6 Power-Transistor
Rev 1.1 2023-08-21
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com