Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT8865 Datasheet (PDF) - Qorvo, Inc

ACT8865 Datasheet PDF - Qorvo, Inc
Part # ACT8865
Download  ACT8865 Download
File Size   1951.27 Kbytes
Page   32 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description Advanced PMU for Atmel SAMA5Dx Series & SAM9 Series Processors

ACT8865 Datasheet (PDF)

Go To PDF Page Download Datasheet
ACT8865 Datasheet PDF - Qorvo, Inc

Part # ACT8865
Download  ACT8865 Click to download

File Size   1951.27 Kbytes
Page   32 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description Advanced PMU for Atmel SAMA5Dx Series & SAM9 Series Processors

ACT8865 Datasheet (HTML) - Qorvo, Inc


ACT8865 Product details

FEATURES
• Three Step-Down DC/DC Converters
• Four Low-Dropout Linear Regulators
• I2CTM Serial Interface
• Advanced Enable/Disable Sequencing Controller
• Minimal External Components
• Tiny 4×4mm TQFN44-32 Package
• 0.75mm Package Height
• Pb-Free and RoHS Compliant

GENERAL DESCRIPTION
The ACT8865 is a complete, cost effective, highlyefficient
ActivePMUTM power management solution,
optimized for the unique power, voltage-sequencing, and
control requirements of the Atmel SAMA5D2 series,
SAMA5D3 series: SAMA5D [31/33/34/35/36], and SAM9
series:SAM9G [15/25/35/45/46]; SAM9X[25/35],
SAM9M[10/11], SAM9N[11/12] processors. It is ideal for
a wide range of high performance portable handheld
applications such as human-machine interfaces, control
panels, smart grid infrastructures, network gateways,
M2M systems, 2D barcode scanners, barcode printers,
machine vision equipment, as well as home and
commercial building automations, POS terminals,
medical devices and white goods.
This device features three step-down DC/DC converters
and four low-noise, low-dropout linear regulators.
The three DC/DC converters utilize a high-efficiency,
fixed-frequency (2MHz), current-mode PWM control
architecture that requires a minimum number of external
components. Two DC/DCs are capable of supplying up
to 1150mA of output current, while the third supports up
to 1300mA. All four low-dropout linear regulators are
high-performance, low-noise, regulators that supply up to
320mA.
The ACT8865 is available in a compact, Pb-Free and
RoHS-compliant TQFN44-32 package.




Similar Part No. - ACT8865

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT8865 ACTIVE-SEMI-ACT8865 Datasheet
586Kb / 30P
Advanced PMU for Atmel SAMA5D3 Series & SAM9 Series Processors
Rev 2, 11-Feb-14
ACT8865QI303-T ACTIVE-SEMI-ACT8865QI303-T Datasheet
586Kb / 30P
Advanced PMU for Atmel SAMA5D3 Series & SAM9 Series Processors
Rev 2, 11-Feb-14
ACT8865QI305-T ACTIVE-SEMI-ACT8865QI305-T Datasheet
824Kb / 31P
Advanced PMU for Atmel SAMA5Dx Series & SAM9 Series Processors
Rev 7, 22-Mar-16
ACT8865QI305-T ACTIVE-SEMI-ACT8865QI305-T Datasheet
828Kb / 31P
Advanced PMU for Atmel SAMA5Dx Series & SAM9 Series Processors
Rev 7, 22-Mar-16
ACT8865QI405-T ACTIVE-SEMI-ACT8865QI405-T Datasheet
824Kb / 31P
Advanced PMU for Atmel SAMA5Dx Series & SAM9 Series Processors
Rev 7, 22-Mar-16
More results


Similar Description - ACT8865

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
EVK-ACT8945AQJ303-T ACTIVE-SEMI-EVK-ACT8945AQJ303-T Datasheet
779Kb / 42P
Advanced PMU for Atmel SAMA5D3 Series & SAM9 Series Processors
Rev 2, 11-Feb-14
ACT8865 ACTIVE-SEMI-ACT8865 Datasheet
586Kb / 30P
Advanced PMU for Atmel SAMA5D3 Series & SAM9 Series Processors
Rev 2, 11-Feb-14
ACT8945A ACTIVE-SEMI-ACT8945A Datasheet
779Kb / 42P
Advanced PMU for Atmel SAMA5D3 Series & SAM9 Series Processors
Rev 2, 11-Feb-14
ACT8865 ACTIVE-SEMI-ACT8865_16 Datasheet
824Kb / 31P
Advanced PMU for Atmel SAMA5Dx Series & SAM9 Series Processors
Rev 7, 22-Mar-16
ACT8945A ACTIVE-SEMI-ACT8945A_16 Datasheet
1Mb / 44P
Advanced PMU for Atmel SAMA5Dx Series & SAM9 Series Processors
Rev 6, 01-Feb-16
ACT8946A ACTIVE-SEMI-ACT8946A Datasheet
1Mb / 37P
Advanced PMU for Hisilicon Processors
Rev 1.0, 08-Jul-16
EA8865QI305 ACTIVE-SEMI-EA8865QI305 Datasheet
828Kb / 31P
Advanced PMU for Atmel SAMA5Dx Series & SAM9 Series Processors
Rev 7, 22-Mar-16
EA8945AQJ305 ACTIVE-SEMI-EA8945AQJ305 Datasheet
1Mb / 44P
Advanced PMU for Atmel SAMA5Dx Series & SAM9 Series Processors
Rev 6, 01-Feb-16
EA8945AQJ405 ACTIVE-SEMI-EA8945AQJ405 Datasheet
1Mb / 44P
Advanced PMU for Atmel SAMA5Dx Series & SAM9 Series Processors
Rev 6, 01-Feb-16
ACT8946AQJ203-T ACTIVE-SEMI-ACT8946AQJ203-T Datasheet
1Mb / 37P
Advanced PMU for Hisilicon Processors
Rev 1.0, 08-Jul-16
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com