Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT8865 Datasheet(PDF) 1 Page - Qorvo, Inc

Part # ACT8865
Description  Advanced PMU for Atmel SAMA5Dx Series & SAM9 Series Processors
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT8865 Datasheet(HTML) 1 Page - Qorvo, Inc

  ACT8865 Datasheet HTML 1Page - Qorvo, Inc ACT8865 Datasheet HTML 2Page - Qorvo, Inc ACT8865 Datasheet HTML 3Page - Qorvo, Inc ACT8865 Datasheet HTML 4Page - Qorvo, Inc ACT8865 Datasheet HTML 5Page - Qorvo, Inc ACT8865 Datasheet HTML 6Page - Qorvo, Inc ACT8865 Datasheet HTML 7Page - Qorvo, Inc ACT8865 Datasheet HTML 8Page - Qorvo, Inc ACT8865 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
ACT8865
Advanced PMU for Atmel SAMA5Dx Series & SAM9 Series Processors
Data Sheet Rev. H, September 2019 | Subject to change without notice
1 of 32
www.qorvo.com
© 2020 Qorvo US, Inc. All rights reserved.
FEATURES
• Three Step-Down DC/DC Converters
• Four Low-Dropout Linear Regulators
• I
2CTM Serial Interface
• Advanced Enable/Disable Sequencing Controller
• Minimal External Components
• Tiny 4×4mm TQFN44-32 Package
•
0.75mm Package Height
•
Pb-Free and RoHS Compliant
GENERAL DESCRIPTION
The ACT8865 is a complete, cost effective, highly-
efficient ActivePMUTM power
management solution,
optimized for the unique power, voltage-sequencing, and
control requirements of the Atmel SAMA5D2 series,
SAMA5D3 series: SAMA5D [31/33/34/35/36], and SAM9
series:SAM9G
[15/25/35/45/46];
SAM9X[25/35],
SAM9M[10/11], SAM9N[11/12] processors. It is ideal for
a wide range of high performance portable handheld
applications such as human-machine interfaces, control
panels, smart grid infrastructures, network gateways,
M2M systems, 2D barcode scanners, barcode printers,
machine vision equipment, as well as home and
commercial
building
automations,
POS
terminals,
medical devices and white goods.
This device features three step-down DC/DC converters
and four low-noise, low-dropout linear regulators.
The three DC/DC converters utilize a high-efficiency,
fixed-frequency
(2MHz),
current-mode
PWM
control
architecture that requires a minimum number of external
components. Two DC/DCs are capable of supplying up
to 1150mA of output current, while the third supports up
to 1300mA. All four low-dropout linear regulators are
high-performance, low-noise, regulators that supply up to
320mA.
The ACT8865 is available in a compact, Pb-Free and
RoHS-compliant TQFN44-32 package.
TYPICAL APPLICATION DIAGRAM
ACT8865
Atmel
SAMA5Dx
REG1
1.8V
1150mA
VDDIODDR etc.
PUSH BUTTON
nPBIN
REG2
REG3
REG4
REG5
REG6
REG7
SDA
SCL
1.2V
3.3V
1150mA
1300mA
320mA
320mA
320mA
320mA
VDDCORE_GBIT ENET etc.
VDDIOP etc.
VDDFUSE
VDDANA
Auxiliary 1
Auxiliary 1
TWD
TWCK
nRSTO
nIRQ
nPBSTAT
NRST
FIQ/IRQ
GPIO


Similar Part No. - ACT8865

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT8865 ACTIVE-SEMI-ACT8865 Datasheet
586Kb / 30P
Advanced PMU for Atmel SAMA5D3 Series & SAM9 Series Processors
Rev 2, 11-Feb-14
ACT8865QI303-T ACTIVE-SEMI-ACT8865QI303-T Datasheet
586Kb / 30P
Advanced PMU for Atmel SAMA5D3 Series & SAM9 Series Processors
Rev 2, 11-Feb-14
ACT8865QI305-T ACTIVE-SEMI-ACT8865QI305-T Datasheet
824Kb / 31P
Advanced PMU for Atmel SAMA5Dx Series & SAM9 Series Processors
Rev 7, 22-Mar-16
ACT8865QI305-T ACTIVE-SEMI-ACT8865QI305-T Datasheet
828Kb / 31P
Advanced PMU for Atmel SAMA5Dx Series & SAM9 Series Processors
Rev 7, 22-Mar-16
ACT8865QI405-T ACTIVE-SEMI-ACT8865QI405-T Datasheet
824Kb / 31P
Advanced PMU for Atmel SAMA5Dx Series & SAM9 Series Processors
Rev 7, 22-Mar-16
More results

Similar Description - ACT8865

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
EVK-ACT8945AQJ303-T ACTIVE-SEMI-EVK-ACT8945AQJ303-T Datasheet
779Kb / 42P
Advanced PMU for Atmel SAMA5D3 Series & SAM9 Series Processors
Rev 2, 11-Feb-14
ACT8865 ACTIVE-SEMI-ACT8865 Datasheet
586Kb / 30P
Advanced PMU for Atmel SAMA5D3 Series & SAM9 Series Processors
Rev 2, 11-Feb-14
ACT8945A ACTIVE-SEMI-ACT8945A Datasheet
779Kb / 42P
Advanced PMU for Atmel SAMA5D3 Series & SAM9 Series Processors
Rev 2, 11-Feb-14
ACT8865 ACTIVE-SEMI-ACT8865_16 Datasheet
824Kb / 31P
Advanced PMU for Atmel SAMA5Dx Series & SAM9 Series Processors
Rev 7, 22-Mar-16
ACT8945A ACTIVE-SEMI-ACT8945A_16 Datasheet
1Mb / 44P
Advanced PMU for Atmel SAMA5Dx Series & SAM9 Series Processors
Rev 6, 01-Feb-16
ACT8946A ACTIVE-SEMI-ACT8946A Datasheet
1Mb / 37P
Advanced PMU for Hisilicon Processors
Rev 1.0, 08-Jul-16
EA8865QI305 ACTIVE-SEMI-EA8865QI305 Datasheet
828Kb / 31P
Advanced PMU for Atmel SAMA5Dx Series & SAM9 Series Processors
Rev 7, 22-Mar-16
EA8945AQJ305 ACTIVE-SEMI-EA8945AQJ305 Datasheet
1Mb / 44P
Advanced PMU for Atmel SAMA5Dx Series & SAM9 Series Processors
Rev 6, 01-Feb-16
EA8945AQJ405 ACTIVE-SEMI-EA8945AQJ405 Datasheet
1Mb / 44P
Advanced PMU for Atmel SAMA5Dx Series & SAM9 Series Processors
Rev 6, 01-Feb-16
ACT8946AQJ203-T ACTIVE-SEMI-ACT8946AQJ203-T Datasheet
1Mb / 37P
Advanced PMU for Hisilicon Processors
Rev 1.0, 08-Jul-16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com