Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT8865 Datasheet(PDF) 22 Page - Qorvo, Inc

Part # ACT8865
Description  Advanced PMU for Atmel SAMA5Dx Series & SAM9 Series Processors
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT8865 Datasheet(HTML) 22 Page - Qorvo, Inc

Back Button ACT8865 Datasheet HTML 18Page - Qorvo, Inc ACT8865 Datasheet HTML 19Page - Qorvo, Inc ACT8865 Datasheet HTML 20Page - Qorvo, Inc ACT8865 Datasheet HTML 21Page - Qorvo, Inc ACT8865 Datasheet HTML 22Page - Qorvo, Inc ACT8865 Datasheet HTML 23Page - Qorvo, Inc ACT8865 Datasheet HTML 24Page - Qorvo, Inc ACT8865 Datasheet HTML 25Page - Qorvo, Inc ACT8865 Datasheet HTML 26Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
ACT8865
Advanced PMU for Atmel SAMA5Dx Series & SAM9 Series Processors
Data Sheet Rev. H, September 2019 | Subject to change without notice
22 of 32
www.qorvo.com
© 2020 Qorvo US, Inc. All rights reserved.
Functi
SYSTEM CONTROL INFORMATION CONT’D
Control Signals
Enable Inputs
The ACT8865 features a variety of control inputs,
which
are
used
to
enable
and
disable
outputs
depending
upon
the
desired
mode
of
operation.
PWREN, PWRHLD are logic inputs, while nPBIN is a
unique, multi-function input. Refer to the Processor
Specification for a description of which channels are
controlled by each input.
nPBIN Multi-Function Input
ACT8865 features the nPBIN multi-function pin, which
combines
system
enable/disable
control
with
a
hardware reset function. Select either of the two pin
functions by asserting this pin, either through a direct
connection to GA, or through a 50kΩ resistor to GA, as
shown in Figure 2.
Figure 2: nPBIN
Input
Manual Reset
on
The second major function of the nPBIN input is to
provide a manual-reset input for the processor. To
manually-reset the processor, drive nPBIN directly to
GA through a low impedance (less than 2.5kΩ). When
this occurs, nRSTO immediately asserts low, then
remains asserted low until the nPBIN input is de-
asserted and the reset time-out period expires.
nPBSTAT Output
nPBSTAT is an open-drain output that reflects the
state of the nPBIN input; nPBSTAT is asserted low
whenever nPBIN is asserted, and is high-Z otherwise.
This output is typically used as an interrupt signal to
the processor, to initiate a software-programmable
routine such as operating mode selection or to open
a menu. Connect nPBSTAT to an appropriate supply
voltage (typically OUT3) through a 10kΩ or greater
resistor.
nRSTO Output
nRSTO is an open-drain output which asserts low
upon startup or when manual reset is asserted via the
nPBIN input. When asserted on startup, nRSTO remains
low until reset time-out period expires after OUT3
reaches its power-OK threshold. When asserted due to
manual-reset, nRSTO immediately asserts low, then
remains asserted low until the nPBIN input is de-
asserted and the reset time-out period expires.
Connect a 10kΩ or greater pull-up resistor from nRSTO
to an appropriate voltage supply (typically OUT3).
nIRQ Output
nIRQ is an open-drain output that asserts low any time
an interrupt is generated. Connect a 10kΩ or greater
pull-up resistor from nIRQ to an appropriate voltage
supply. nIRQ is typically used to drive the interrupt
input of the system processor.
Many of the ACT8865's functions support interrupt-
generation as a result of various conditions. These are
typically masked by default, but may be unmasked
via
the
I
2C
interface.
For
more information
about
the
available fault
conditions, refer to the
appropriate sections of this datasheet.
Note that under some conditions a false interrupt may
be generated upon initial startup. For this reason, it is
recommended that the interrupt service routine check
and validate nSYSLEVMSK[ ] and nFLTMSK[ ] bits
before processing an interrupt generated by these
bits. These interrupts may be validated by nSYSSTAT
[ ], OK[ ] bits.
Push-Button Control
The ACT8865 is designed to initiate a system enable
sequence when the nPBIN multi-function input is
asserted. Once this occurs, a power-on sequence
commences,
as
described
below.
The
power-on
sequence must complete and the microprocessor must
take control (by asserting PWREN or PWRHLD) before
nPBIN is de-asserted. If the microprocessor is unable
to complete its power-up routine successfully before the
user
releases
the
push-button,
the
ACT8865
automatically shuts the system down. This provides
protection against accidental or momentary assertions
of the push-button. If desired, longer “push-and-hold”
times
can be
implemented by simply adding an
additional time
delay
before asserting PWREN or
PWRHLD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com