Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT8865 Datasheet(PDF) 4 Page - Qorvo, Inc

Part # ACT8865
Description  Advanced PMU for Atmel SAMA5Dx Series & SAM9 Series Processors
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT8865 Datasheet(HTML) 4 Page - Qorvo, Inc

  ACT8865 Datasheet HTML 1Page - Qorvo, Inc ACT8865 Datasheet HTML 2Page - Qorvo, Inc ACT8865 Datasheet HTML 3Page - Qorvo, Inc ACT8865 Datasheet HTML 4Page - Qorvo, Inc ACT8865 Datasheet HTML 5Page - Qorvo, Inc ACT8865 Datasheet HTML 6Page - Qorvo, Inc ACT8865 Datasheet HTML 7Page - Qorvo, Inc ACT8865 Datasheet HTML 8Page - Qorvo, Inc ACT8865 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
ACT8865
Advanced PMU for Atmel SAMA5Dx Series & SAM9 Series Processors
Data Sheet Rev. H, September 2019 | Subject to change without notice
4 of 32
www.qorvo.com
© 2020 Qorvo US, Inc. All rights reserved.
ORDERING INFORMATION 
PART NUMBER
VOUT1
VOUT2 VOUT3 VOUT4
VOUT5
VOUT6
VOUT7
PACKAGE
PINS
TEMPERATURE
RANGE
ACT8865QI305-T
1.8V
1.2V
3.3V
2.5V
3.3V
OFF
OFF
TQFN44-32
32
-40°C to +85°C
ACT8865QI405-T
1.5V/1.35V5
1.2V
3.3V
2.5V
3.3V
OFF
OFF
TQFN44-32
32
-40°C to +85°C
: All Active-Semi components are RoHS Compliant and with Pb-free plating unless specified differently. The term Pb-free means
semiconductor products that are in compliance with current RoHS (Restriction of Hazardous Substances) standards.
: Standard product options are identified in this table. Contact factory for custom options, minimum order quantity is 12,000 units.
: To select VSTBYx as a output regulation voltage of REGx, drive VSEL to a logic high. The VSTBYx can be set by software via I
2C interface,
refer to appropriate sections of this datasheet for VSTBYx setting.
: VOUT2 = 1.2V @VSEL=0 and VOUT2 = 1.0V @VSEL=VIN
5: VOUT1 = 1.35V @VSEL=VIN and VOUT1 = 1.5V @VSEL=0 for ACT8865QI405-T regulator setting.
PIN CONFIGURATION
TOP VIEW
Thin - QFN (TQFN44-32)




Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com