Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

43321 Datasheet (PDF) - Infinite Electronics International, Inc.

43321 Datasheet PDF - Infinite Electronics International, Inc.
Part # 43321
Download  43321 Download
File Size   78.33 Kbytes
Page   1 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description ADPT, VGA GNDR CHGR HD15F/F

43321 Datasheet (PDF)

Go To PDF Page Download Datasheet
43321 Datasheet PDF - Infinite Electronics International, Inc.

Part # 43321
Download  43321 Click to download

File Size   78.33 Kbytes
Page   1 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description ADPT, VGA GNDR CHGR HD15F/F

43321 Datasheet (HTML) - Infinite Electronics International, Inc.


43321 Product details

MATERIAL:
SHELL: STEEL
CONTACTS: COPPER ALLOY
HARDWARE: BRASS
INSULATOR: PBT FIBER REINFORCED (UL94V-0 RATED)
FINISH:
SHELL: TIN/NICKEL PLATED
CONTACTS: GOLD FLASH PLATED
HARDWARE: NICKEL PLATED
ELECTRICAL:
CURRENT RATING: 3 AMP
MISCELLANEOUS:
OPERATING TEMPERATURE RANGE: -55 C TO +105 C.
PIN 9 IS OMITTED.
ALL CONTACTS ARE WIRED STRAIGHT THROUGH.
COMPONENT SHALL BE TESTED FOR CONTINUITY.
LABELING:
PANTONE 2945 BLUE. "L-COM" FONT MyriaMM ITALIC.
"GENDER CHANGER" FONT ARIAL BOLD, TEXT HEIGHTS; .085"
TEXT COLOR; WHITE.
PACKAGING:
COMPONENT SHALL BE INDIVIDUALLY PACKAGED IN
ACCORDANCE WITH L-COM SPECIFICATION PS-0031.
REGULATORY COMPLIANCE:
CE2011/65/EU(RoHS DIRECTIVE)




Similar Part No. - 43321

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
43321 L-COM-43321 Datasheet
62Kb / 1P
FIBER DUST CAPS 2.5MM PKG 100
12/29/10
43321 L-COM-43321 Datasheet
121Kb / 1P
DISPLAYPORT CABLE M/M
01/14/2011
43321 L-COM-43321 Datasheet
159Kb / 1P
DP M to DVI F ADPTR
6/2/17
43321 L-COM-43321 Datasheet
74Kb / 1P
DP MALE RA TO PNL MNT F CABLE
4/27/2017
43321 L-COM-43321 Datasheet
64Kb / 1P
DISPLAYPORT PNL ADAPT F-F
12/22/2010
More results


Similar Description - 43321

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
SD759-3 VITESSE-SD759-3 Datasheet
45Kb / 1P
ADPT, F-M-F, TEE, BNC
logo
Winchester Electronics ...
SD879-5-15-MA9 WINCHESTER-SD879-5-15-MA9 Datasheet
41Kb / 1P
ADPT, F-F, BNC TO SMA
SD759-3 WINCHESTER-SD759-3 Datasheet
45Kb / 1P
ADPT, F-M-F, TEE, BNC
SD1209-20 WINCHESTER-SD1209-20 Datasheet
63Kb / 1P
ADPT, TNC-N, F-M
SD2029-15-9 WINCHESTER-SD2029-15-9 Datasheet
48Kb / 1P
ADPT, F-F, 75 BNC-75 BNC
SDKC-99-31 WINCHESTER-SDKC-99-31 Datasheet
43Kb / 1P
ADPT, F-M-F, TEE BNC
SDKC-99-52 WINCHESTER-SDKC-99-52 Datasheet
49Kb / 1P
ADPT, F-M-F, TEE BNC
KA-91-11 WINCHESTER-KA-91-11 Datasheet
42Kb / 1P
ADPT, M-F, TNC-BNC
KA-91-18 WINCHESTER-KA-91-18 Datasheet
43Kb / 1P
ADPT, M-F, TNC-BNC
KC-99-108M06 WINCHESTER-KC-99-108M06 Datasheet
47Kb / 1P
ADPT, M-F-F, TEE, BNC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com