Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

43321 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # 43321
Description  ADPT, VGA GNDR CHGR HD15F/F
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

43321 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  43321 Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
24.99
.984
20°
1.5
.06
R
2X
4X R.130
3.30
.450
11.43
.806
20.5
RECOMMENDED PANEL OPENING
(MAX PANEL THICKNESS: 0.06")
4-40 UNC-2B THRU
.19±.01
4.75±0.25
.70
17.7
4-40 UNC-2B
X .180
2X 15 PIN FEMALE
HIGH DENSITY
D-SUB CONNECTOR
.984
24.99
1.25
31.8
.51
13
2X 4-40 JACKSCREW
2X 4-40 HEX STANDOFF
.23
5.8
4X
.03 -.03
+.00
0.69 -0.76
0
JACKSCREW & HEX STANDOFF
SPECIFICATION
.55
13.97
±0.25
±.01
4.83
.19
.36±.01
9.14±0.25
NOTES:
MATERIAL:
SHELL: STEEL
CONTACTS: COPPER ALLOY
HARDWARE: BRASS
INSULATOR: PBT FIBER REINFORCED (UL94V-0 RATED)
FINISH:
SHELL: TIN/NICKEL PLATED
CONTACTS: GOLD FLASH PLATED
HARDWARE: NICKEL PLATED
ELECTRICAL:
CURRENT RATING: 3 AMP
MISCELLANEOUS:
OPERATING TEMPERATURE RANGE: -55 C TO +105 C.
PIN 9 IS OMITTED.
ALL CONTACTS ARE WIRED STRAIGHT THROUGH.
COMPONENT SHALL BE TESTED FOR CONTINUITY.
LABELING:
PANTONE 2945 BLUE. "L-COM" FONT MyriaMM ITALIC.
"GENDER CHANGER" FONT ARIAL BOLD, TEXT HEIGHTS; .085"
TEXT COLOR; WHITE.
PACKAGING:
COMPONENT SHALL BE INDIVIDUALLY PACKAGED IN
ACCORDANCE WITH L-COM SPECIFICATION PS-0031.
REGULATORY COMPLIANCE:
CE2011/65/EU(RoHS DIRECTIVE)
UNDIMENSIONED FEATURES
CHANGED BY
A
UNLESS OTHERWISE SPECIFIED,
D
C
B
A
A
SCALE: 2:1
CONFIGURATION DETAILS OF
01845
SIZE
DWG. NO.
B
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
8
7
6
5
4
D-SUBMINIATURE
B
C
D
45 BEECHWOOD DRIVE
PERMISSION OF L-COM, INC. IS PROHIBITED.
REVISIONS
REV
DESCRIPTION
43321
DATE
CAD FILE: DGBV15F.SLDDRW
MAY OCCUR
REV.
DIMENSIONS ARE IN INCHES [mm]
D.PARHAM
T.CLARK
R.CARRICK
11/12/2001
11/12/2001
11/13/2001
A
DRAWING REPLACES DGBV15F-OD1
9/23/14
D.FRISIELLO
ADPT, VGA GNDR CHGR HD15F/F
CATEGORY
PROJECTION
32
PRODUCT DESCRIPTION
MAY VARY
1
DGBV15F
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE PROPERTY OF
FSCM NO.
SHEET 1 OF 1
COLOR VARIATIONS
NORTH ANDOVER, MA
L-COM, INC. ANY REPRODUCTIONS IN PART OR WHOLE WITHOUT THE WRITTEN
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2[51] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0%
ALL OTHER DIMENSIONAL TOLERANCES:
.X = ±.2 [5.08]
.XX = ±.02 [.51]
.XXX = ± .005 [.13]


Similar Part No. - 43321

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
43321 L-COM-43321 Datasheet
62Kb / 1P
FIBER DUST CAPS 2.5MM PKG 100
12/29/10
43321 L-COM-43321 Datasheet
121Kb / 1P
DISPLAYPORT CABLE M/M
01/14/2011
43321 L-COM-43321 Datasheet
159Kb / 1P
DP M to DVI F ADPTR
6/2/17
43321 L-COM-43321 Datasheet
74Kb / 1P
DP MALE RA TO PNL MNT F CABLE
4/27/2017
43321 L-COM-43321 Datasheet
64Kb / 1P
DISPLAYPORT PNL ADAPT F-F
12/22/2010
More results

Similar Description - 43321

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
SD759-3 VITESSE-SD759-3 Datasheet
45Kb / 1P
ADPT, F-M-F, TEE, BNC
logo
Winchester Electronics ...
SD879-5-15-MA9 WINCHESTER-SD879-5-15-MA9 Datasheet
41Kb / 1P
ADPT, F-F, BNC TO SMA
SD759-3 WINCHESTER-SD759-3 Datasheet
45Kb / 1P
ADPT, F-M-F, TEE, BNC
SD1209-20 WINCHESTER-SD1209-20 Datasheet
63Kb / 1P
ADPT, TNC-N, F-M
SD2029-15-9 WINCHESTER-SD2029-15-9 Datasheet
48Kb / 1P
ADPT, F-F, 75 BNC-75 BNC
SDKC-99-31 WINCHESTER-SDKC-99-31 Datasheet
43Kb / 1P
ADPT, F-M-F, TEE BNC
SDKC-99-52 WINCHESTER-SDKC-99-52 Datasheet
49Kb / 1P
ADPT, F-M-F, TEE BNC
KA-91-11 WINCHESTER-KA-91-11 Datasheet
42Kb / 1P
ADPT, M-F, TNC-BNC
KA-91-18 WINCHESTER-KA-91-18 Datasheet
43Kb / 1P
ADPT, M-F, TNC-BNC
KC-99-108M06 WINCHESTER-KC-99-108M06 Datasheet
47Kb / 1P
ADPT, M-F-F, TEE, BNC
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com