Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BMP581 Datasheet (PDF) - Bosch Sensortec GmbH

BMP581 Datasheet PDF - Bosch Sensortec GmbH
Part # BMP581
Download  BMP581 Download
File Size   4144.13 Kbytes
Page   75 Pages
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH
Description Barometric Pressure Sensor

BMP581 Datasheet (PDF)

Go To PDF Page Download Datasheet
BMP581 Datasheet PDF - Bosch Sensortec GmbH

Part # BMP581
Download  BMP581 Click to download

File Size   4144.13 Kbytes
Page   75 Pages
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH
Description Barometric Pressure Sensor

BMP581 Datasheet (HTML) - Bosch Sensortec GmbH


BMP581 Product details

1 Basic Description
The BMP581 is an absolute barometric pressure sensor. Its small dimensions, its low power consumption and the highend performance allow the implementation in a wide range of applications.
Key features:
Pressure operating range: 30 .. 125 kPa
Temperature operating range: -40 .. 85°C
Ultra low noise and current consumption:
 Ultra low noise: < 0.1PaRMS natively (without low-pass filter enabled)
 1.3 μA 1Hz in low power mode
Absolute pressure accuracy: ± 0.5 hPa (max)
Relative pressure accuracy: 0.06 hPa per 10kPa step
Pressure Temperature-induced offset: ± 0.5 Pa/K
BMP581 provides true absolute pressure and temperature, due to on-chip linearization and temperature-compensation
Primary digital interface with 12 MHz slave SPI (4-wire, 3-wire), 12.5MHz I3C and up to 1MHz I²C (Fm+)
Output data rates:
 up to 480 Hz in CONTINUOUS mode
 0.125 .. 240 Hz in NORMAL mode
Wide power supply range: VDD 1.71 V ... 3.6 V and VDDIO 1.08 V ... 3.6 V, both independent
Programmable low-pass filtering
On-chip FIFO buffer for up to 32 pressure samples
Programmable interrupts, including pressure-changed detection
6 bytes user programmable non-volatile memory
Compact 10-pin metal-lid LGA package with a footprint of only 2.0 × 2.0 mm2 and max 0.8 mm package height.
RoHS compliant, halogen and lead free




Similar Part No. - BMP581

ManufacturerPart #DatasheetDescription
logo
Bosch Sensortec GmbH
BMP585 BOSCH-BMP585 Datasheet
235Kb / 3P
Shuttle board 3.0 flyer
1.0_082022
BMP585 BOSCH-BMP585 Datasheet
3Mb / 71P
Barometric Pressure Sensor
March 2024
BMP585 BOSCH-BMP585_V01 Datasheet
3Mb / 71P
Barometric Pressure Sensor
March 2024
More results


Similar Description - BMP581

ManufacturerPart #DatasheetDescription
logo
HOKURIKU ELECTRIC INDUS...
HPD-100A-C05 HOKURIKU-HPD-100A-C05 Datasheet
199Kb / 1P
Barometric Pressure Sensor
HPM-013 HOKURIKU-HPM-013 Datasheet
113Kb / 1P
Barometric Pressure Sensor Module
logo
TE Connectivity Ltd
MS5637-02BA03 TEC-MS5637-02BA03 Datasheet
476Kb / 18P
Low Voltage Barometric Pressure Sensor
logo
Bosch Sensortec GmbH
BMP380 BOSCH-BMP380 Datasheet
221Kb / 2P
Digital, barometric pressure sensor
logo
Silicon Microstructures...
SM1111-EEN-S-115-000 SMI-SM1111-EEN-S-115-000 Datasheet
854Kb / 13P
Analog Barometric Air Pressure (BAP) Sensor
SM1111-EEN-S-115-001 SMI-SM1111-EEN-S-115-001 Datasheet
834Kb / 13P
Analog Barometric Air Pressure (BAP) Sensor
SM1111-EEN-S-165-000 SMI-SM1111-EEN-S-165-000 Datasheet
812Kb / 13P
Analog Barometric Air Pressure (BAP) Sensor
SM1131-EEN-S-165-000 SMI-SM1131-EEN-S-165-000 Datasheet
1Mb / 19P
Digital Barometric Air Pressure (BAP) Sensor
logo
Infineon Technologies A...
DPS368 INFINEON-DPS368 Datasheet
5Mb / 44P
Digital XENSIVTM barometric pressure sensor
2019-07-03
logo
Omron Electronics LLC
2SMPB-02E OMRON-2SMPB-02E Datasheet
1Mb / 24P
Digital Barometric Pressure Sensor
Copyright 2017
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com