Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BMP581 Datasheet(PDF) 2 Page - Bosch Sensortec GmbH

Part # BMP581
Description  Barometric Pressure Sensor
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMP581 Datasheet(HTML) 2 Page - Bosch Sensortec GmbH

  BMP581 Datasheet HTML 1Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 2Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 3Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 4Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 5Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 6Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 7Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 8Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 9Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 75 page
background image
Bosch Sensortec | BST-BMP581-DS004-11
2 | 75
© Bosch Sensortec GmbH 2023 | All rights reserved, also regarding any disposal, exploitation, reproduction, editing, distribution,
Document number: BST-BMP581-DS004-11
as well as in the event of applications for industrial property rights
1 Basic Description
The BMP581 is an absolute barometric pressure sensor. Its small dimensions, its low power consumption and the
highend performance allow the implementation in a wide range of applications.
Key features:
Pressure operating range: 30 .. 125 kPa
Temperature operating range: -40 .. 85°C
Ultra low noise and current consumption:
Ultra low noise: < 0.1PaRMS natively (without low-pass filter enabled)
1.3 µA 1Hz in low power mode
Absolute pressure accuracy: ± 0.5 hPa (max)
Relative pressure accuracy: 0.06 hPa per 10kPa step
Pressure Temperature-induced offset: ± 0.5 Pa/K
BMP581 provides true absolute pressure and temperature, due to on-chip linearization and temperature-
compensation
Primary digital interface with 12 MHz slave SPI (4-wire, 3-wire), 12.5MHz I3C and up to 1MHz I²C (Fm+)
Output data rates:
up to 480 Hz in CONTINUOUS mode
0.125 .. 240 Hz in NORMAL mode
Wide power supply range: VDD 1.71 V ... 3.6 V and VDDIO 1.08 V ... 3.6 V, both independent
Programmable low-pass filtering
On-chip FIFO buffer for up to 32 pressure samples
Programmable interrupts, including pressure-changed detection
6 bytes user programmable non-volatile memory
Compact 10-pin metal-lid LGA package with a footprint of only 2.0 × 2.0 mm2 and max 0.8 mm package height.
RoHS compliant, halogen and lead free
Typical applications:
Enhancement of GPS navigation (e.g. time-to-first-fix improvement, dead-reckoning, slope detection)
Indoor navigation (floor detection, elevator detection)
Outdoor navigation
Sports applications like calorie counting, fitness activity identification
Emergency caller location
Weather forecast
Vertical velocity indication (e.g. rise/sink speed)
Altitude control of drones and flying toys
Target devices:
Handsets such as mobile phones, tablet PCs, GPS devices
Navigation systems
Portable health care devices
Home weather stations
Drones and flying toys
Smart watches
Virtual and augmented reality devices



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com