Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BMP581 Datasheet(PDF) 54 Page - Bosch Sensortec GmbH

Part # BMP581
Description  Barometric Pressure Sensor
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMP581 Datasheet(HTML) 54 Page - Bosch Sensortec GmbH

Back Button BMP581 Datasheet HTML 50Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 51Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 52Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 53Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 54Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 55Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 56Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 57Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 58Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 75 page
background image
Bosch Sensortec | BST-BMP581-DS004-11
54 | 75
© Bosch Sensortec GmbH 2023 | All rights reserved, also regarding any disposal, exploitation, reproduction, editing, distribution,
Document number: BST-BMP581-DS004-11
as well as in the event of applications for industrial property rights
7.6Register (0x15) INT source selection
Bit
7
6
5
4
3
2
1
0
Read/Write
R
R
R
R
R/W
R/W
R/W
R/W
Reset Value
0
0
0
0
0
0
0
0
Content
reserved_7_4
oor_p_en
fifo_th...
fifo_fu... drdy_da...
drdy_data_reg_en:(bit offset: 0) Data Ready
fifo_full_en:(bit offset: 1) FIFO Full (FIFO_FULL)
fifo_ths_en:(bit offset: 2) FIFO Threshold/Watermark (FIFO_THS)
oor_p_en:(bit offset: 3) Pressure data out-of-range (OOR_P)
reserved_7_4:(bit offset: 4) reserved
0x00: Disable INT. Except the POR and Software_reset completion
7.7Register (0x16) FIFO configuration
Bit
7
6
5
4
3
2
1
0
Read/Write
R
R
R/W
R/W
R/W
R/W
R/W
R/W
Reset Value
0
0
0
0
0
0
0
0
Content
reserved_7_6
fifo_mode
fifo_threshold
fifo_threshold:(bit offset: 0) FIFO threshold
Values
Description
0x0
Disable the FIFO threshold
0x1F
Set the FIFO threshold to 31 frames
fifo_mode:(bit offset: 5) FIFO Mode CTRL
Value
Description
0b0 (0x0)
Stream-to-FIFO Mode
0b1 (0x1)
STOP-on-FULL Mode
reserved_7_6:(bit offset: 6) reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com