Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BMP581 Datasheet(PDF) 46 Page - Bosch Sensortec GmbH

Part # BMP581
Description  Barometric Pressure Sensor
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMP581 Datasheet(HTML) 46 Page - Bosch Sensortec GmbH

Back Button BMP581 Datasheet HTML 42Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 43Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 44Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 45Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 46Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 47Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 48Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 49Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 50Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 75 page
background image
Bosch Sensortec | BST-BMP581-DS004-11
46 | 75
© Bosch Sensortec GmbH 2023 | All rights reserved, also regarding any disposal, exploitation, reproduction, editing, distribution,
Document number: BST-BMP581-DS004-11
as well as in the event of applications for industrial property rights
6 Pin out and connection diagrams
6.1Pin Out
Figure 22 shows the pin-out of the device from top and bottom view, respectively. Table 28 shows the related pin descriptions.
Figure 23: Pin out top and bottom view
Table 28: Pin description
Pin
Name
I/O Type
Description
Connect to
SPI 4W
SPI 3W
1
VDDIO
Supply
Digital interface supply
VDDIO
2
SCK
In
Serial clock input
SCK
SCK
3
VSS
Supply
Ground
GND
4
SDI
In/Out
Serial data input
SDI
SDI/SDO
5
SDO
In/Out
Serial data output
SDO
DNC
6
CSB
In
Chip select
CSB
CSB
7
INT
Out
INT output
host INT input, GNDa or
DNC
8
VSS
Supply
Ground
GND
9
VSS
Supply
Ground
GND
10
VDD
Supply
Analog supply
VDD
a. GND connection is allowed, as long as the IRQ pin is not activated
6.2Connection Diagrams
The sensor (including the ASIC) should be used in one of the following four configurations on application level. In all
connection scenarios:
all VSS pins must be connected to GND.
if the INT pin is not used, it is recommended to be connect it to GND, rather than leaving it floating. In the case of
GND connection, the interrupt pin must be disabled by keeping INT_CONFIG.int_en disabled. . If the INT pin must
be unconnected in the application, it is recommended to use the following settings for INT_CONFIG:
INT_CONFIG.int_en = 1
INT_CONFIG.int_od = 0
INT_CONFIG.pad_int_drv =



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com