Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BMP581 Datasheet(PDF) 38 Page - Bosch Sensortec GmbH

Part # BMP581
Description  Barometric Pressure Sensor
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMP581 Datasheet(HTML) 38 Page - Bosch Sensortec GmbH

Back Button BMP581 Datasheet HTML 34Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 35Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 36Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 37Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 38Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 39Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 40Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 41Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 42Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 75 page
background image
Bosch Sensortec | BST-BMP581-DS004-11
38 | 75
© Bosch Sensortec GmbH 2023 | All rights reserved, also regarding any disposal, exploitation, reproduction, editing, distribution,
Document number: BST-BMP581-DS004-11
as well as in the event of applications for industrial property rights
Figure 11: SPI multi-byte read operation
5.5.4 SPI hybrid bursts
SPI also supports a combined write-read operation called hybrid burst. Figure 12 shows this protocol. The host may
decide to combine a read (single or burst) transaction together with a write (single or burst) transaction together.
Figure 12: SPI hybrid write-read burst
A CSB idle time of 1us must be ensured for reads following writes for the following registers:
DRIVE_CONFIG
INT_CONFIG
NVM_DATA_LSB
NVM_DATA_MSB
As a consequence, hybrid accesses on these registers are not allowed.
5.6I²C protocol
BMP581 supports the following I²C modes:
normal mode (100 kHz)
fast mode (100 - 400 kHz)
fast mode plus (400 kHz - 1 MHz)
The I²C slave address of BMP581 is 7'h46 for SDO = 1'b0 and 7'h47 for SDO = 1'b1. SDO must not be floating when
I²C is used, otherwise the I²C device address is undefined.
CSB has an integrated pull-up resistor, which can be enabled in I²C and I3C mode by setting
DRIVE_CONFIG.i2c_csb_pup_en.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com