Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BMP581 Datasheet(PDF) 16 Page - Bosch Sensortec GmbH

Part # BMP581
Description  Barometric Pressure Sensor
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMP581 Datasheet(HTML) 16 Page - Bosch Sensortec GmbH

Back Button BMP581 Datasheet HTML 12Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 13Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 14Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 15Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 16Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 17Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 18Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 19Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 20Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 75 page
background image
Bosch Sensortec | BST-BMP581-DS004-11
16 | 75
© Bosch Sensortec GmbH 2023 | All rights reserved, also regarding any disposal, exploitation, reproduction, editing, distribution,
Document number: BST-BMP581-DS004-11
as well as in the event of applications for industrial property rights
4.3 Power modes
The power modes of BMP581 and transitions in between are depicted in Figure 2. After startup or soft-reset, the BMP581
will be in DEEP STANDBY mode. Transitions from one mode to another are only possible by entering SLEEP mode first.
Figure 2: Power modes diagram
4.3.1 STANDBY mode
In STANDBY mode, no measurements are performed and power consumption is at a minimum. All registers are
accessible for write and read. Mode transitions to other modes are possible. The pressure and temperature data
registers PRESS_DATA_XXX and TEMP_DATA_XXX keep the values of the last measurement executed. The FIFO. if
enabled, also maintains it‘s content and can be read.
4.3.2 DEEP STANDBY
In order to further reduce the power consumption further, the BMP581 offers a DEEP_STANDBY mode. In this case,
power consumption is even lower than in STANDBY mode.
DEEP_STANDBY will only be entered if also the following conditions apply:
ODR_CONFIG.deep_dis = 0
ODR_CONFIG.odr < 5Hz
FIFO_SEL.fifo_frame_sel = DIS
DSP_IIR.set_iir_t = BYPASS
DSP_IIR.set_iir_p = BYPASS
If one of these settings is changed, the BMP581 transitions to STANDBY mode.
4.3.3 FORCED mode
In FORCED mode, a single measurement is performed according to selected measurement and filter options. When
the measurement is finished, the sensor returns to sleep mode and the measurement results can be obtained from the
data registers. For a next measurement, forced mode needs to be selected again. Forced mode is recommended for
applications which require very low sampling rate or host-based synchronization. Forced mode may also be used if an
ODR higher than 240 Hz is needed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com