Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BMP581 Datasheet(PDF) 69 Page - Bosch Sensortec GmbH

Part # BMP581
Description  Barometric Pressure Sensor
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMP581 Datasheet(HTML) 69 Page - Bosch Sensortec GmbH

Back Button BMP581 Datasheet HTML 65Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 66Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 67Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 68Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 69Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 70Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 71Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 72Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 73Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 75 page
background image
Bosch Sensortec | BST-BMP581-DS004-11
69 | 75
© Bosch Sensortec GmbH 2023 | All rights reserved, also regarding any disposal, exploitation, reproduction, editing, distribution,
Document number: BST-BMP581-DS004-11
as well as in the event of applications for industrial property rights
8.1.3 Side view
Figure 31: BMP581 side view
8.2Landing pattern
It is recommended to use a land pattern with a size of Footprint +25 µm on each side. We recommend at least 200 µm
distance between the pads. We do not recommend vias or traces under the BMP581. Furthermore, it is recommended
that there is no solder mask under the sensor. The recommended horizontal clearance for the solder mask is 20 µm on
each side. If the solder mask or other material underneath the sensor gets in contact with the sensor, there may be a
negative impact on performance.
Figure 32: BMP581 landing pattern (bottom view)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com