Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BMP581 Datasheet(PDF) 23 Page - Bosch Sensortec GmbH

Part # BMP581
Description  Barometric Pressure Sensor
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMP581 Datasheet(HTML) 23 Page - Bosch Sensortec GmbH

Back Button BMP581 Datasheet HTML 19Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 20Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 21Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 22Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 23Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 24Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 25Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 26Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 27Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 75 page
background image
Bosch Sensortec | BST-BMP581-DS004-11
23 | 75
© Bosch Sensortec GmbH 2023 | All rights reserved, also regarding any disposal, exploitation, reproduction, editing, distribution,
Document number: BST-BMP581-DS004-11
as well as in the event of applications for industrial property rights
0b10: Only Pressure data is stored (P-mode)
0b11: Pressure and temperature data is stored (PT-mode)
The operational mode can be controlled via the FIFO_CONFIG.cfg_fifo_mode register:
1’b0: streaming mode
1’b1: stop on full mode
The two modes differ in how the FIFO reacts to an overflow. A FIFO overflow occurs if the FIFO is full and a new
measurement data is ready to be written to the FIFO. In streaming mode, the FIFO will delete the oldest frame, and
write the new frame to the FIFO. As a result, the FIFO contains always the most recent frames.5
In stop-on-full mode, frames once written to the FIFO will not be discarded. Instead, new frames will not be written to
the FIFO until there is space again.
The FIFO decimation factor (or downsampling) can be adjusted With FIFO_SEL.cfg_fifo_dec_sel. Only every n-th
sample will be written to the FIFO, where:
������������=2������������������������������������������������_SEL.cfg_fifo_dec_sel
The FIFO threshold can be set by FIFO_CONFIG_fifo_threshold. If the fill level of the FIFO reaches the threshold,
the FIFO threshold interrupt may be triggered (see Chapter 3.7.2.1). The meaning of the register field is the following:
0x00: FIFO threshold disablef
0x01..0x1F (or 1..31 decimal): threshold level
0x0F: 15 frames. This is the maximum setting in PT-mode. The most significant bit is ignored.
0x1F: 31 frames. This is the maximum setting in P- or T-mode.
4.6.2 FIFO status
The fill level of the FIFO in number of frames can be obtained from FIFO_COUNT.fifo_count. FIFO watermark and
FIFO full information can be obtain from the interrupt functionality (see Chapter 3.7.2.1).
4.6.3 FIFO data readout
The FIFO can be read out by reading in a burst from register FIFO_DATA.
Reads should be performed in the granularity of the frame size (24 or 48 bit) according to the selected frame type.
Frames that have been read incompletely will stay in the FIFO memory and will be retransmitted on the next read. The
entire FIFO contents can be read in one single burst.
If the FIFO is empty, disabled or turns empty during a read, it will return the empty frame, which is 0x7f.
Table 10,
Table 11 and Table 13 show the frame formats for the three different frame kinds: PT, T and P. The empty frame is
shown in Table 13.
Table 11: FIFO pressure and temperature frame (PT-fram
2. In order to work properly, streaming mode requires that the clock frequency of host interface is 0.1MHz or above. Otherwise, the
FIFO readout bandwidth could be slower than the FIFO write bandwidth, which will cause data loss.
7
6
5
4
3
2
1
0
Temperature
temperature XLSB
temperature LSB
temperature MSB
Pressure
pressure XLSB
press LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com