Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BMP581 Datasheet(PDF) 27 Page - Bosch Sensortec GmbH

Part # BMP581
Description  Barometric Pressure Sensor
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMP581 Datasheet(HTML) 27 Page - Bosch Sensortec GmbH

Back Button BMP581 Datasheet HTML 23Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 24Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 25Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 26Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 27Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 28Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 29Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 30Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 31Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 75 page
background image
Bosch Sensortec | BST-BMP581-DS004-11
27 | 75
© Bosch Sensortec GmbH 2023 | All rights reserved, also regarding any disposal, exploitation, reproduction, editing, distribution,
Document number: BST-BMP581-DS004-11
as well as in the event of applications for industrial property rights
POR interrupts are not supported with I3C IBI, as the device is not in a state where I3C is initialized after power-up
reset. Also, the interrupt pin will not flag an POR interrupt, as the interrupt pin is disabled after power-up.
The status of the interrupt can be read from INT_STATUS.por. A read of the INT_STATUS will clear the status.
4.7.3 Interrupt pin
The BMP581 provides an interrupt pin (INT), which allows to signal certain events to the host processor.
4.7.3.1
Interrupt pin configuration
The behavior of the interrupt pin can be configured in INT_CONFIG with these fields:
int_mode: The interrupt mode can be „pulsed“ or „latched“. Latching determines when an interrupt is released (see
Chapter 3.7.3.2 for details)
int_pol: The interrupt polarity can be configured to be either „active high“ or „active low“
int_od: The interrupt pin can be configured to be „open-drain“ or push-pull“
int_en: The interrupt pin can be enabled. With enabled interrupt pin, all interrupt sources configured in INT_-
SOURCE will be ORed on the interrupt pin.
4.7.3.2
Interrupt Timings
Interrupt timings depend strongly on the int_mode setting:
Pulsed mode. In the pulsed mode the INT pin creates a pulse on the interrupt pin, each time an interrupt condition
changes from FALSE to TRUE, and the interrupt source is enabled in INT_SOURCE. Figure 5 shows the timing of
pulsed mode.
The pulse length is tint_pulse. Between two pulses, there is a minimum gap of tint_deassert in which the pin will stay de-
asserted.
Figure 5: INT pin timing in pulsed mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com