Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BMP581 Datasheet(PDF) 11 Page - Bosch Sensortec GmbH

Part # BMP581
Description  Barometric Pressure Sensor
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMP581 Datasheet(HTML) 11 Page - Bosch Sensortec GmbH

Back Button BMP581 Datasheet HTML 7Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 8Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 9Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 10Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 11Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 12Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 13Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 14Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 15Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 75 page
background image
Bosch Sensortec | BST-BMP581-DS004-11
11 | 75
© Bosch Sensortec GmbH 2023 | All rights reserved, also regarding any disposal, exploitation, reproduction, editing, distribution,
Document number: BST-BMP581-DS004-11
as well as in the event of applications for industrial property rights
VDDIO >
VDDIOmin
Start-up time from
SLEEP
t_startup
Time from mode
change to start of
measurement
3
ms
Start-up time from
DEEPSLEEP
tstartup_deep
Time from mode
change to start of
measurement
4
ms
Re-configuration
time
treconf
Time from
configuration
change in
NORMAL or
CONTINUOUS
mode to start of
first measurement
3
ms
Re-configuration
time
treconf_deep
Time from
configuration
change in
NORMAL or
CONTINUOUS
mode to start of
first measurement
4
ms
Time to standby
tstandby
Time from any
mode to
STANDBY
2.5
ms
Soft reset duration
tsoft_res
Time from trigger
of soft reset until
device ready
2
ms
I²C interface clock
fi2c
Normal Mode &
Fast Mode @
Cbus < 550pF -
Fast Mode +
@Cbus < 100pF
100
1000
kHz
I3C interface
clock
fi3C
@ VDDIO > 1.62 V
- Normal Mode &
Fast Mode @
Cbus < 550pF -
Fast Mode +
@Cbus > 100pF
0.1
12.5
12.9
MHz
I3C interface
clock low voltage
fi3C_lowv
@ VDDIO < 1.62 V
- Normal Mode &
Fast Mode @
Cbus < 550pF -
Fast Mode +
@Cbus > 100pF
0.1
2.5
MHz
SPI interface
clock
fspi
@ VDDIO ≥ 1.62
V, Cbus ≤ 80 pF 4-
wire/ 3-wire;
modes 0 and 3
12
MHz
SPI interface
clock low voltage
fspi_lowv
@ VDDIO ≤ 1.62
V, Cbus ≤ 40 pF 4-
wire/ 3-wire;
modes 0 and 3
7
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com