Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BMP581 Datasheet(PDF) 64 Page - Bosch Sensortec GmbH

Part # BMP581
Description  Barometric Pressure Sensor
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMP581 Datasheet(HTML) 64 Page - Bosch Sensortec GmbH

Back Button BMP581 Datasheet HTML 60Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 61Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 62Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 63Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 64Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 65Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 66Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 67Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 68Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 75 page
background image
Bosch Sensortec | BST-BMP581-DS004-11
64 | 75
© Bosch Sensortec GmbH 2023 | All rights reserved, also regarding any disposal, exploitation, reproduction, editing, distribution,
Document number: BST-BMP581-DS004-11
as well as in the event of applications for industrial property rights
7.33
Register (0x36) Over-sampling rate (OSR) configuration
Bit
7
6
5
4
3
2
1
0
Read/Write
R
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset Value
0
0
0
0
0
0
0
0
Content
reserved_7 press_en
osr_p
osr_t
osr_t:(bit offset: 0) OSR_T selection
Value
Description
0b000 (0x0)
oversampling rate = 1x
0b001 (0x1)
oversampling rate = 2x
0b010 (0x2)
oversampling rate = 4x
0b011 (0x3)
oversampling rate = 8x
0b100 (0x4)
oversampling rate = 16x
0b101 (0x5)
oversampling rate = 32x
0b110 (0x6)
oversampling rate = 64x
0b111 (0x7)
oversampling rate = 128x
osr_p:(bit offset: 3) OSR_P selection
Value
Description
0b000 (0x0)
oversampling rate = 1x
0b001 (0x1)
oversampling rate = 2x
0b010 (0x2)
oversampling rate = 4x
0b011 (0x3)
oversampling rate = 8x
0b100 (0x4)
oversampling rate = 16x
0b101 (0x5)
oversampling rate = 32x
0b110 (0x6)
oversampling rate = 64x
0b111 (0x7)
oversampling rate = 128x
press_en:(bit offset: 6) If set, enables sensor pressure measurements. Otherwise temperature only measurements
is done.
reserved_7:(bit offset: 7) reserved
Note: the configured ODR might be invalid in combination with OSR configuration. This is observable with the
ODR_-CONFIG.flag odr_is_valid. If configured ODR/OSR settings are invalid, default OSR settings will be used.
The effective OSR settings for P/T can be read from osr_t_eff and osr_p_eff
7.34
Register (0x37) Output data rate (ODR) configuration
Bit
7
6
5
4
3
2
1
0
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset Value
0
1
1
1
0
0
0
0
Content
deep_dis
odr
pwr_mode
pwr_mode:(bit offset: 0) Power mode configuration The user can request a dedicated power mode by writing this
field. A read returns the actual mode the device is in.
Note: This bit is cleared again upon transition from FORCED to STANDBY mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com