Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BMP581 Datasheet(PDF) 12 Page - Bosch Sensortec GmbH

Part # BMP581
Description  Barometric Pressure Sensor
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMP581 Datasheet(HTML) 12 Page - Bosch Sensortec GmbH

Back Button BMP581 Datasheet HTML 8Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 9Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 10Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 11Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 12Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 13Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 14Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 15Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 16Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 75 page
background image
Bosch Sensortec | BST-BMP581-DS004-11
12 | 75
© Bosch Sensortec GmbH 2023 | All rights reserved, also regarding any disposal, exploitation, reproduction, editing, distribution,
Document number: BST-BMP581-DS004-11
as well as in the event of applications for industrial property rights
Peak current
ipeak
maximum DC
current
260
μA
Deep Standby
current
25 °C and
VDDIO=VDD=1.8
V
0.55
μA
Deep Standby
current
25 °C and
VDDIO=VDD=3.6
V
0.55
μA
Deep Standby
current
55 °C and
VDDIO=VDD=1.8
V
1.5
μA
Standby current
25 °C and
VDDIO=VDD=1.8
V
1.0
μA
Standby current
55 °C and
VDDIO=VDD=1.8
V
3.5
μA
Current
consumption low
power mode
OSR set to „lowest
power“ Low Power
Mode ODR=1 Hz
25 °C
1.3
μA
Current
consumption high
resolution
OSR set to „high
resolution“ ODR =
30 Hz 25°C
75
80
μA
INT pulse length
tint_pulse
Pulse length in
pulsed mode
90
105
121
μs
INT minimum
deassert time
tint_deassert
Minimum time
between INT pin
assert
90
105
121
μs
Maximum output
rate (ODR)
in CONTINOUS
mode, pressure
and temperature
measured
489
Hz
Output data rate
(ODR) range
in NORMAL mode
0.125
240
Hz
Conversion time
pressure
tconv_p
OSR = 1x
-5%
1.0
+5%
ms
OSR = 2x
-5%
1.7
+5%
ms
OSR = 4x
-5%
2.9
+5%
ms
OSR = 8x
-5%
5.4
+5%
ms
OSR = 16x
-5%
10.4
+5%
ms
OSR = 32x
-5%
20.4
+5%
ms
OSR = 64x
-5%
40.4
+5%
ms
OSR = 128x
-5%
80.4
+5%
ms
Conversion time
temperature
tconv_t
OSR = 1x
-5%
1.0
+5%
ms
OSR = 2x
-5%
1.1
+5%
ms
OSR = 4x
-5%
1.5
+5%
ms
OSR = 8x
-5%
2.1
+5%
ms
OSR = 16x
-5%
3.3
+5%
ms
OSR = 32x
-5%
5.8
+5%
ms
OSR = 64x
-5%
10.8
+5%
ms
OSR = 128x
-5%
20.8
+5%
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com