Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BMP581 Datasheet(PDF) 32 Page - Bosch Sensortec GmbH

Part # BMP581
Description  Barometric Pressure Sensor
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMP581 Datasheet(HTML) 32 Page - Bosch Sensortec GmbH

Back Button BMP581 Datasheet HTML 28Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 29Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 30Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 31Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 32Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 33Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 34Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 35Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 36Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 75 page
background image
Bosch Sensortec | BST-BMP581-DS004-11
32 | 75
© Bosch Sensortec GmbH 2023 | All rights reserved, also regarding any disposal, exploitation, reproduction, editing, distribution,
Document number: BST-BMP581-DS004-11
as well as in the event of applications for industrial property rights
5.2.1 Interface timing
The timing diagram for SPI is given in Figure 7 and is valid for all SPI configurations. The corresponding values are
given in
Figure 7: SPI timing diagram (SPI4, Mode 0
Table 18: SPI timings
Parameter
Comment
Symbol
Unit
Target value
min
typ
max
CSB lag time
T_hold_csb
ns
40
SDX setup
time
T_setup_sdx
ns
19
SDX hold time
T_hold_sdx
ns
7
SCL to SDO
turnaround
time
90%/10% Master rise/fall time
= [2, 10]ns @ Cbus = 40pF,
drive_strength = 7
T_delay_scl2sdo_1p2
ns
52.5
90%/10% Master rise/fall time
= [2, 10]ns @ Cbus = 80pF,
drive_strength = 7
T_delay_scl2sdo_1p8
ns
27.8
90%/10% Master rise/fall time
= [2, 10]ns @ Cbus = 80pF,
drive_strength = 6
T_delay_scl2sdo_3p3
ns
20.2
SDO rise/fall
time (90%/
10%)
@ VDDIO = 1.2V
ns
tbd
@ VDDIO = 1.8V/3.3V
ns
10
SCX
frequency
@ VDDIO = 1.8 V/3.3 V
F_sck,nv
MHz
1
12
SCX Pulse
High Time
5% duty cycle variation
T_high_scx
ns
37.5
SCX Pulse
Low Time
T_low_scx
ns
37.5
Idle time after
write access
T_wr_idle, spi
ns
80
Idle time after
read access
T_rd_idle,spi
ns
80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com