Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BMP581 Datasheet(PDF) 31 Page - Bosch Sensortec GmbH

Part # BMP581
Description  Barometric Pressure Sensor
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMP581 Datasheet(HTML) 31 Page - Bosch Sensortec GmbH

Back Button BMP581 Datasheet HTML 27Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 28Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 29Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 30Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 31Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 32Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 33Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 34Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 35Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 75 page
background image
Bosch Sensortec | BST-BMP581-DS004-11
31 | 75
© Bosch Sensortec GmbH 2023 | All rights reserved, also regarding any disposal, exploitation, reproduction, editing, distribution,
Document number: BST-BMP581-DS004-11
as well as in the event of applications for industrial property rights
5 Digital Interface
The device provides one serial interface to the host. It acts as a slave to the host The serial interface is configurable to
the interface protocols SPI, I3C and I2C.
5.1Protocol Selection
The protocol is automatically selected based on the behavior of the signal on the chip select pin CSB after power-up.
After soft reset or power-up, the primary interface of the device is in I²C/I3C mode. If the CSB is connected to VDDIO
during power-up and not changed, the primary interface works in I²C or I3C mode.
For using I²C and I3C, it is recommended to hard-wire the CSB line to VDDIO. Since power-on-reset is only executed
when both VDD and VDDIO are stable, there is no risk of an incorrect protocol detection due to the power-up sequence.
Once the CSB input pin is falling low, the I²C/I3C mode is disabled. The HIF switches over to SPI mode if there are at
least 16 full serial clock (SCK) edges during the CSB low phase, and CSB has risen again. Hence, it is recommended
to perform a single read via SPI of a registers (e.g. to CHIP_ID) before the actual SPI communication with the device.
Note: the content of the retrieved data will be invalid.
The switch from I²C to I3C follows the MIPI I3C specification. Upon power up, the chip stays in I²C mode and once the
dedicated Broadcast I3C Address (7’h7E) is seen on the bus, the chip will disable its I2C feature and the interface stays
in the I3C mode until a soft reset or the next power-up occurs.
The possibles switches among the modes on the digital interface are summarized in Table 15.
Table 16: Possible switches between interface modes
Protocol switch
to I²C
to I3C
to SPI
from I²C
--
Device ID 7E sent
dummy SPI read
from I3C
power-down or soft-
reset
--
dummy SPI read
from SPI
power-down or soft-
reset
power-down or soft-
reset
--
5.2Interface timing
The general interface parameters are given in the table below.
Table 17: General interface parameters
Parameter
Comment
Symbol
Unit
Min
Typ
Max
Input Low Voltage
@VDDIO=1.2V/1.8V/3.3V+/-10%
V_IL
%
30
Input High Voltage
@VDDIO=1.2V/1.8V/3.3V+/-10%
V_IH
%
70
Input Voltage Hysteresis @VDDIO=1.2V/1.8V/3.3V+/-10%
V_IHYST
%
10
Output Low Voltage
@VDDIO=1.2V/1.8V/3.3V+/-10%
V_OL
%
20
Output High Voltage
@VDDIO=1.2V/1.8V/3.3V+/-10%
V_OH
%
80
Pad Input Leakage
Current (no pull-R)
Input = ‘Low’
I_IL
µ
A
1
Pad Input Leakage
Current (no pull-R)
Input = ‘High’
I_IH
µ
A
1
Pull-up resistance at
CSB pin
I2C mode, relevant for interface
mode selection
R_PU_CSB kΩ
74
100
131



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com