Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BMP581 Datasheet(PDF) 17 Page - Bosch Sensortec GmbH

Part # BMP581
Description  Barometric Pressure Sensor
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMP581 Datasheet(HTML) 17 Page - Bosch Sensortec GmbH

Back Button BMP581 Datasheet HTML 13Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 14Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 15Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 16Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 17Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 18Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 19Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 20Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 21Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 75 page
background image
Bosch Sensortec | BST-BMP581-DS004-11
17 | 75
© Bosch Sensortec GmbH 2023 | All rights reserved, also regarding any disposal, exploitation, reproduction, editing, distribution,
Document number: BST-BMP581-DS004-11
as well as in the event of applications for industrial property rights
4.3.4 NORMAL mode
Normal mode performs pressure measurements with a configurable frequency, which is the output data rate (ODR).
The ODR can be set in ODR_CONFIG.odr. Normal mode continuously cycles between an (active) measurement
period and an (inactive) standby period. In normal mode, the most recent measurement result can be directly obtained
from the data registers. Alternatively, the latest measurement results can be obtained from the FIFO.
Normal mode is recommended if pressure needs to be sampled in regular intervals, but none of the conditions apply
where FORCED and CONTINOUS mode may be favorable.
The ODR_CONFIG.odr register field is used to define the output data rate (ODR) if the BMP581. Data rates of
0.125Hz up to 240 can be selected. For the full list of available ODRs, see the register description. Not all
combinations of OSR and ODRs are valid, as measurement times may not fit into an ODR cycle. Table 7: maximum
nominal ODR setting per OSR settings in NORMAL modeshows the maximum ODR for a given ODR setting.
Table 7: maximum nominal ODR setting per OSR settings in NORMAL mode
max ODR
[Hz]
OSR_T
1
2
4
8
16
32
64
128
1
240.00
240.00
240.00
240.00
200.00
130.00
80.00
40.00
2
240.00
240.00
240.00
220.00
180.00
120.00
70.00
40.00
4
220.00
220.00
200.00
180.00
140.00
100.00
70.00
40.00
8
140.00
140.00
130.00
120.00
100.00
80.00
50.00
35.00
16
80.00
80.00
80.00
70.00
70.00
50.00
45.00
30.00
32
45.00
45.00
40.00
40.00
40.00
35.00
30.00
20.00
64
20.00
20.00
20.00
20.00
20.00
20.00
15.00
15.00
128
10.00
10.00
10.00
10.00
10.00
10.00
10.00
5.00
Table 8: Maximum nominal ODR setting per OSR settings in NORMAL mode for temperature only measurements
max ODR
[Hz]
OSR_T
1
2
4
8
16
32
64
128
240.00
240.00
240.00
240.00
200.00
130.00
80.00
40.00
Configuration Check. BMP581 has an automatic configuration checking, which is functional in NORMAL mode and
when both temperature and pressure measurements are enabled. If a configuration is not valid, this will be indicated
by the OSR_EFF.odr_is_valid register field. If a measurement with an invalid setting is started, the BMP581 will run
with the specified ODR, but use a default setting for the ODRs:
For ODRs ≥ 160Hz, both OSRs will be set to 1
For all ODRs <160Hz, both OSRs will be set to 2
The effective ODRs are available in the register fields OSR_EFF.osr_t_eff and OSR_EFF.osr_p_eff. This action of
alignment and check is done in NORMAL mode only.
4.3.5 Low Power NORMAL mode
If the conditions for deep standby apply, as described in 3.3.1 above, then NORMAL mode will automatically apply
DEEP_STANDY phase in between the measurements. This reduces power consumption even further. If one of these
settings is changed, the BMP581 transitions back to NORMAL mode.
4.3.6 CONTINOUS mode
Continuous mode performs pressure measurements simular to NORMAL mode. However, the ODR setting is ignored.
Sampling is performed with the maximum frequency that is possible with the selected oversampling settings.
CONTINOUS mode stays in the (active) measurement period and does not cycle to a standby period. The resulting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com