Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BMP581 Datasheet(PDF) 13 Page - Bosch Sensortec GmbH

Part # BMP581
Description  Barometric Pressure Sensor
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMP581 Datasheet(HTML) 13 Page - Bosch Sensortec GmbH

Back Button BMP581 Datasheet HTML 9Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 10Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 11Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 12Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 13Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 14Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 15Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 16Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 17Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 75 page
background image
Bosch Sensortec | BST-BMP581-DS004-11
13 | 75
© Bosch Sensortec GmbH 2023 | All rights reserved, also regarding any disposal, exploitation, reproduction, editing, distribution,
Document number: BST-BMP581-DS004-11
as well as in the event of applications for industrial property rights
NVM user write
cyclesb
NNVM_WRITE
Number of write
cycles to NVM
user range
10,000
writes
a. For supply ramps < 0.01 ms, a 10 Ohm resistor must be connected in series to the power supply (see 5.2.5).
b. power supply must be stabe during the write sequency. Temperature must be in the range of 0 - 65 °C.
Table 5: Interface pin electrical characteristics
Parameter
Symbol
Comment
Min
Typ
Max
Unit
Input low voltage
VIL
@VDDIO=1.2V/
1.8V/3.3V+/-10%
30
%
Input high voltage
VIH
@VDDIO=1.2V/
1.8V/3.3V+/-10%
70
%
Input voltage
hysteresis
VIHYST
@VDDIO=1.2V/
1.8V/3.3V+/-10%
10
%
Output low voltage
VOL
@VDDIO=1.2V/
1.8V/3.3V+/-10%
20
%
Output high
voltage
VOH
@VDDIO=1.2V/
1.8V/3.3V+/-10%
80
%
Pull-up resistance
at CSB pin
RPU_CSB
I2C mode,
relevant for
interface mode
selection
74
100
131
kOhm
Table 6: Absolute maximum ratings
Parameter
Symbol
Comment
Min
Max
Unit
Storage temperaturea
≤ 65 % r.h.
Standard
conditions: +
25°C and
40% r.h.
-40
+125
°C
Supply voltage VDD
-0.3
4.3
V
Supply voltage VDDIO
-0.3
4.3
V
Max Voltage at I/O Pins
VSSIO-0.3 V VDDIO + 0.3 V
V
a.
Storage should occur at standard conditions. For short time periods, the device may be stored outside of this range, but must stay within above mentioned limits.
Stress above those listed as “absolute maximum ratings” may cause permanent damage to the device. This is a stress
rating only and functional operation of the device under these conditions is not implied. Exposure to maximum rating
conditions for extended periods may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com