Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BMP581 Datasheet(PDF) 71 Page - Bosch Sensortec GmbH

Part # BMP581
Description  Barometric Pressure Sensor
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMP581 Datasheet(HTML) 71 Page - Bosch Sensortec GmbH

Back Button BMP581 Datasheet HTML 67Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 68Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 69Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 70Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 71Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 72Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 73Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 74Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 75Page - Bosch Sensortec GmbH  
Zoom Inzoom in Zoom Outzoom out
 71 / 75 page
background image
Bosch Sensortec | BST-BMP581-DS004-11
71 | 75
© Bosch Sensortec GmbH 2023 | All rights reserved, also regarding any disposal, exploitation, reproduction, editing, distribution,
Document number: BST-BMP581-DS004-11
as well as in the event of applications for industrial property rights
8.4Moisture Sensitivity Level and Soldering
8.4.1 MSL and device storage
The BMP581 is classified as MSL 1 (moisture sensitivity level) according to IPC/JEDEC standards J-STD-020E and
JSTD-033D.
To ensure good solder-ability, the devices shall be stored at room temperature (20°C) before.
The soldering process can lead to an offset shift. The physical origin of this shift is not material aging but mechanical
hysteresis frozen in by the soldering temperature cycle. Thus the shift is reversible.
Multiple reflow cycles will not add up in multiple offset shifts. The device is in the same condition after every solder
reflow cycle.
Manual unsoldering can lead to further offset shift, especially if the soldering temperature and / or soldering time is
above the given values of 260°C and 40 sec.
Avoid contact of the device with liquids or small particles.
8.4.2 Reflow Solder profile
The device has been tested for soldering according to J-STD-002E with Pb-free soldering. The minimum height of the
solder after reflow shall be at least 25µm. This is required for a good mechanical decoupling between sensor device
and the printed circuit board (PCB). When designing the solder paste silk print opening window, avoid excess solder
paste to allow good reflow.
The device has been tested for a total of up to 3 reflow soldering cycles.
This could be a situation where a PCB is mounted with devices from both sides (i.e. 2 reflow cycles necessary) and
where in the next step an additional re-work cycle could be required (1 reflow).
8.5Environmental Safety
8.5.1 RoHS
The BMP581 sensor meets the requirements of the EC restriction of hazardous substances (RoHS) directive, see
also: Directive 2015/863 (amending Annex II to Directive 2011/65/EU) of the European Parliament and of the Council
on the restriction of the use of certain hazardous substances in electrical and electronic equipment.
8.5.2 Halogen content
The BMP581 is halogen-free. For more details on the analysis results please contact your Bosch Sensortec
representative.
8.6Internal Package Structure
Within the scope of Bosch Sensortec's ambition to improve its products and secure the mass product supply, Bosch
Sensortec qualifies additional sources (e.g. 2nd source) for the LGA package of the BMP581.
While Bosch Sensortec took care that all of the technical packages parameters are described above are 100%
identical for all sources, there can be differences in the chemical content and the internal structural between the
different package sources.
However, as secured by the extensive product qualification process of Bosch Sensortec, this has no impact to the
usage or to the quality of the BMP581 product.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com