Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BMP581 Datasheet(PDF) 8 Page - Bosch Sensortec GmbH

Part # BMP581
Description  Barometric Pressure Sensor
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMP581 Datasheet(HTML) 8 Page - Bosch Sensortec GmbH

Back Button BMP581 Datasheet HTML 4Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 5Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 6Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 7Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 8Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 9Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 10Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 11Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 12Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 75 page
background image
Bosch Sensortec | BST-BMP581-DS004-11
8 | 75
© Bosch Sensortec GmbH 2023 | All rights reserved, also regarding any disposal, exploitation, reproduction, editing, distribution,
Document number: BST-BMP581-DS004-11
as well as in the event of applications for industrial property rights
2 Specification
If not stated otherwise,
•
All values are valid over the full voltage range
•
Minimum/maximum values are ±3 sigma values
•
Typical values of currents and state machine timings are determined at 25 °C
•
Minimum/maximum values of currents are valid for the temperature range from -40°C…+85°C
•
Minimum/maximum values of timings are valid for the temperature range from -40°C…+85°C
•
Environmental conditions like temperature, RF, humidity are constant, unless ranges for these are specified
Pressure performance is given in Table 1, temperature performance in Table 2. If not stated otherwise:
•
Parameters are valid for the range 300 – 1100 hPa @ -5 – 65 °C
•
Parameters are valid before soldering after storage in standard conditions according to Table 6.
•
Performance parameters are derived without MSL1 preconditioning.
•
“Post-solder“ refers to 3x reflow soldering after storage in standard conditions.
Table 1: Pressure Performance1
Parameter
Symbol
Comment
Min
Typ
Max
Unit
Pressure
measurement
range
P
30
125
kPa
Temperature
range
TA
Pressure
measured in
the entire
temperature
operational
range
-40
85
°C
Relative pressure
accuracy
Ap_rel
700 – 1100
hPa, 15 –
55 °C, 10
kPa steps
± 6
Pa
Relative pressure
accuracy
Ap_rel
900 – 1100
hPa hPa,
25 °C, 1 kPa
steps
± 0.4
Pa
Absolute Pressure
accuracy
Ap_abs
300 – 1100
hPa, -5 –
65 °C,
including
TCO
± 30
Pa



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com