Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BMP581 Datasheet(PDF) 25 Page - Bosch Sensortec GmbH

Part # BMP581
Description  Barometric Pressure Sensor
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMP581 Datasheet(HTML) 25 Page - Bosch Sensortec GmbH

Back Button BMP581 Datasheet HTML 21Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 22Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 23Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 24Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 25Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 26Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 27Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 28Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 29Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 75 page
background image
Bosch Sensortec | BST-BMP581-DS004-11
25 | 75
© Bosch Sensortec GmbH 2023 | All rights reserved, also regarding any disposal, exploitation, reproduction, editing, distribution,
Document number: BST-BMP581-DS004-11
as well as in the event of applications for industrial property rights
4.6.4 FIFO configuration changes
The FIFO is flushed on any of the following conditions:
a change in the sensor configuration:
o OSR_CONFIG.osr_t
o OSR_CONFIG.osr_p
o ODR_CONFIG.odr
o ODR_CONFIG.pwr_mode
a change in the frame configuration:
o FIFO_SEL.fifo_frame_sel
o FIFO_SEL.cfg_fifo_dec_sel
The flush will empty the FIFO, reset the FIFO_COUNT register, and clear the interrupt conditions.
The completion of the FIFO flush is finished within treconf, or treconf_deep if the device is in deep sleep.The FIFO_COUNT
should not be read before the flush has been finished, as the result may be inconsistent.
If the register FIFO_CONFIG_fifo_threshold is written, the resulting interrupt status bits will be immediately updated
according to the new threshold.
The register FIFO_SEL must only be changed in STANDBY mode.
A change of FIFO_SEL.cfg_fifo_dec_sel during NORMAL or CONTINUOUS mode will only be applied after a transition
to STANDBY. It will also not flush the FIFO.
A change of FIFO_SEL.fifo_frame_sel during NORMAL or CONTINOUS mode may be ignored as well, depending on
if the press_en bit is also changed.
4.7Interrupts
The BMP581 provides an interrupt pin (INT), which allows to signal certain events to the host processor. Different
events can be mapped to the interrupt pin, which all are processed with a logical OR.
BMP581 also supports I3C‘s in-band interrupt (IBI). This is allows the use of interrupt functionality without the need of
a dedicated INT signal line. For documentation of the I3C IBI functionality, see Chapter 4.7.2 "I3C In-band Interrupts".
The available interrupts are listed below, and will be detailed in following subsections:
FIFO watermark interrupt
FIFO full interrupt
Data ready interrupt
Pressure out-of-range interrupt
Power-on reset (POR) interrupt
4.7.1 Interrupt enabling
The individual interrupts sources can be enabled in the INT_SOURCE register. An exception is the POR interrupt,
which is always enabled. With enabled interrupt sources:
their individual status is available from the INT_STATUS register,
I3C in-band interrupts can be used (see Chapter 4.7.2 "I3C In-band Interrupts"), and
the interrupt pin can be used, see Chapter 3.7.3.
4.7.2 Interrupt sources
4.7.2.1
FIFO interrupts
The FIFO provides two sources of interrupts:
FIFO full: The fill level is at the maximum number of frames. This means 16 PT frames or 32 P or T frames,
depending on the configuration of the FIFO.
FIFO threshold reached: The fill level is at or above the FIFO threshold level (see Chapter 3.6.1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com