Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM-65162 Datasheet (PDF) - Renesas Technology Corp

HM-65162 Datasheet PDF - Renesas Technology Corp
Part # HM-65162
Download  HM-65162 Download
File Size   403.65 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 2kx8 Asynchronous CMOS Static RAM

HM-65162 Datasheet (PDF)

Go To PDF Page Download Datasheet
HM-65162 Datasheet PDF - Renesas Technology Corp

Part # HM-65162
Download  HM-65162 Click to download

File Size   403.65 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 2kx8 Asynchronous CMOS Static RAM

HM-65162 Datasheet (HTML) - Renesas Technology Corp


HM-65162 Product details

• This Circuit is Processed in Accordance to MIL-STD883 and is Fully Conformant Under the Provisions of
Paragraph 1.2.1.
• Fast Access Time . . . . . . . . . . . . . . . . . . . . 70/90ns Max
• Low Standby Current . . . . . . . . . . . . . . . . . . . 50A Max
• Low Operating Current. . . . . . . . . . . . . . . . . .70mA Max
• Data Retention at 2.0V . . . . . . . . . . . . . . . . . . 20A Max
• TTL Compatible Inputs and Outputs
• JEDEC Approved Pinout (2716, 6116 Type)
• No Clocks or Strobes Required
• Wide Temperature Range. . . . . . . . . . .-55oC to +125oC
• Equal Cycle and Access Time
• Single 5V Supply
• Gated Inputs
- No Pull-Up or Pull-Down Resistors Required




Similar Part No. - HM-65162

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HM-65162 INTERSIL-HM-65162 Datasheet
42Kb / 7P
2K x 8 Asynchronous CMOS Static RAM
March 1997
HM-65162/883 INTERSIL-HM-65162/883 Datasheet
213Kb / 9P
2K x 8 Asynchronous CMOS Static RAM
March 1997
HM-65162883 INTERSIL-HM-65162883 Datasheet
213Kb / 9P
2K x 8 Asynchronous CMOS Static RAM
March 1997
More results


Similar Description - HM-65162

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HM-65162 INTERSIL-HM-65162 Datasheet
42Kb / 7P
2K x 8 Asynchronous CMOS Static RAM
March 1997
HM-65262 INTERSIL-HM-65262 Datasheet
41Kb / 7P
16K x 1 Asynchronous CMOS Static RAM
March 1997
logo
Cypress Semiconductor
CY7C132 CYPRESS-CY7C132 Datasheet
339Kb / 18P
2Kx8 Dual-Port Static RAM
March 27, 1997
logo
Intersil Corporation
HM-65162883 INTERSIL-HM-65162883 Datasheet
213Kb / 9P
2K x 8 Asynchronous CMOS Static RAM
March 1997
HM-65262883 INTERSIL-HM-65262883 Datasheet
177Kb / 10P
16K x 1 Asynchronous CMOS Static RAM
March 1997
HM-65262 INTERSIL-HM-65262_02 Datasheet
135Kb / 8P
16K x 1 Asynchronous CMOS Static RAM
March 1997
logo
Integrated Silicon Solu...
IS61WV12816DALL ISSI-IS61WV12816DALL_11 Datasheet
201Kb / 21P
128K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
logo
Intersil Corporation
HM-65642 INTERSIL-HM-65642 Datasheet
273Kb / 11P
8K x 8 Asynchronous CMOS Static RAM
HM1-65642B-883 INTERSIL-HM1-65642B-883 Datasheet
273Kb / 11P
8K x 8 Asynchronous CMOS Static RAM
May 2002
logo
Renesas Technology Corp
HM-65642 RENESAS-HM-65642 Datasheet
430Kb / 8P
8K x 8 Asynchronous CMOS Static RAM
May 2002
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com