Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BMA400 Datasheet (PDF) - Bosch Sensortec GmbH

BMA400 Datasheet PDF - Bosch Sensortec GmbH
Part # BMA400
Download  BMA400 Download
File Size   5076.35 Kbytes
Page   121 Pages
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH
Description 3-axes ultra-low power accelerometer

BMA400 Datasheet (PDF)

Go To PDF Page Download Datasheet
BMA400 Datasheet PDF - Bosch Sensortec GmbH

Part # BMA400
Download  BMA400 Click to download

File Size   5076.35 Kbytes
Page   121 Pages
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH
Description 3-axes ultra-low power accelerometer

BMA400 Datasheet (HTML) - Bosch Sensortec GmbH


BMA400 Product details

Key features
• Small package size
LGA package (12 pins), footprint 2mm x 2mm, height 0.95 mm
• Ultra-low power
Low current consumption of data acquisition without
compromising on performance (< 14.5 μA with highest performance)
• Programmable functionality Acceleration ranges ±2g/±4g/±8g/±16g
Low-pass filter bandwidths = 0.48*ODR up to a max. output data read out of 800Hz
• On-chip FIFO Integrated FIFO on sensor with 1 KB
• On-chip interrupt features Auto-low power/Auto wakeup Activity/In-activity
Step Counter (overall device current consumption 4μA) Activity Recognition (Walking, Running, Standing still) Orientation detection
Tap/double tap
• Digital interface SPI (4-wire, 3-wire), I²C, 2 interrupt pins
VDDIO voltage range: 1.2V to 3.6V
• RoHS compliant, halogen-free




Similar Part No. - BMA400

ManufacturerPart #DatasheetDescription
logo
Bosch Sensortec GmbH
BMA400 BOSCH-BMA400 Datasheet
4Mb / 126P
3-axes ultra-low power accelerometer
More results


Similar Description - BMA400

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LIS302DLH STMICROELECTRONICS-LIS302DLH Datasheet
679Kb / 37P
MEMS digital output motion sensor ultra low-power high performance 3-axes ?쐏iccolo??accelerometer
04-Jun-2009
LIS331DLF STMICROELECTRONICS-LIS331DLF Datasheet
684Kb / 38P
MEMS digital output motion sensor ultra low-power high performance 3-axes ?쐍ano??accelerometer
10-Jul-2009
LIS331DLH STMICROELECTRONICS-LIS331DLH Datasheet
691Kb / 38P
MEMS digital output motion sensor ultra low-power high performance 3-axes ?쐍ano??accelerometer
10-Jul-2009
LIS331DLM STMICROELECTRONICS-LIS331DLM Datasheet
690Kb / 38P
MEMS digital output motion sensor ultra low-power high performance 3-axes ?쐍ano??accelerometer
10-Jul-2009
LIS3DH STMICROELECTRONICS-LIS3DH Datasheet
701Kb / 42P
ultra low-power high performance 3-axes ?쐍ano??accelerometer
21-May-2010
LIS331HH STMICROELECTRONICS-LIS331HH Datasheet
684Kb / 37P
MEMS digital output motion sensor ultra low-power high full-scale 3-axes ?쐍ano??accelerometer
05-Oct-2009
AIS328DQ STMICROELECTRONICS-AIS328DQ Datasheet
706Kb / 43P
High-performance ultra low-power 3-axis accelerometer
13-Apr-2012
AN2989 STMICROELECTRONICS-AN2989 Datasheet
470Kb / 28P
high performance ultra low-power 3-axis accelerometer
24-Jun-2009
MIS2DH STMICROELECTRONICS-MIS2DH Datasheet
1Mb / 49P
ultra-low-power high-performance 3-axis accelerometer
03-Sep-2015
logo
Bosch Sensortec GmbH
BMA400 BOSCH-BMA400 Datasheet
4Mb / 126P
3-axes ultra-low power accelerometer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com