Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HS-26CLV32RH Datasheet (PDF) - Renesas Technology Corp

HS-26CLV32RH Datasheet PDF - Renesas Technology Corp
Part # HS-26CLV32RH
Download  HS-26CLV32RH Download
File Size   435.14 Kbytes
Page   13 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Radiation Hardened 3.3V Quad Differential Line Receivers

HS-26CLV32RH Datasheet (PDF)

Go To PDF Page Download Datasheet
HS-26CLV32RH Datasheet PDF - Renesas Technology Corp

Part # HS-26CLV32RH
Download  HS-26CLV32RH Click to download

File Size   435.14 Kbytes
Page   13 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Radiation Hardened 3.3V Quad Differential Line Receivers

HS-26CLV32RH Datasheet (HTML) - Renesas Technology Corp


HS-26CLV32RH Product details

Features
▪ Electrically screened to SMD # 5962-95689
▪ QML qualified per MIL-PRF-38535 requirements
▪ 1.2 micron radiation hardened CMOS
▪ Low stand-by current: 13mA (max)
▪ Operating supply range: 3.0V to 3.6V
▪ Differential input voltage thresholds: ±400mV
▪ CMOS output levels: VOH > 2.55V, VOL < 0.4V
▪ Input fail-safe circuitry
▪ High impedance inputs when disabled or powereddown
▪ Radiation acceptance testing ‒ HS-26CLV32RH
• HDR (50-300rad (Si)/s): 300krad(Si)
▪ Radiation acceptance testing ‒ HS-26CLV32EH
• HDR (50-300rad(Si)/s): 300krad(Si)
• LDR (0.01rad(Si)/s): 50krad(Si)
▪ SEL immune to LET: 100MeV•cm2/mg
▪ Full -55°C to +125°C military temperature range
▪ Pb-free (RoHS compliant)




Similar Part No. - HS-26CLV32RH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-26CLV32RH INTERSIL-HS-26CLV32RH Datasheet
90Kb / 3P
Radiation Hardened 3.3V Quad Differential Line Receiver
May 28, 2009
HS-26CLV32RH INTERSIL-HS-26CLV32RH Datasheet
217Kb / 3P
Radiation Hardened 3.3V Quad Differential Line Receiver
January 8, 2013
HS-26CLV32RH INTERSIL-HS-26CLV32RH_13 Datasheet
217Kb / 3P
Radiation Hardened 3.3V Quad Differential Line Receiver
January 8, 2013
More results


Similar Description - HS-26CLV32RH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-26CT31RH-T INTERSIL-HS-26CT31RH-T Datasheet
33Kb / 3P
Radiation Hardened Quad Differential Line Driver
July 1999
HS-26C31RH INTERSIL-HS-26C31RH Datasheet
181Kb / 3P
Radiation Hardened Quad Differential Line Driver
May 27, 2010
HS-26CLV31RH INTERSIL-HS-26CLV31RH Datasheet
111Kb / 3P
Radiation Hardened 3.3V Quad Differential Line Driver
May 28, 2009
HS-26CLV32RH INTERSIL-HS-26CLV32RH Datasheet
90Kb / 3P
Radiation Hardened 3.3V Quad Differential Line Receiver
May 28, 2009
HS-26CT31RH INTERSIL-HS-26CT31RH_12 Datasheet
317Kb / 4P
Radiation Hardened Quad Differential Line Drivers
February 23, 2012
HS-26CLV32RH INTERSIL-HS-26CLV32RH_13 Datasheet
217Kb / 3P
Radiation Hardened 3.3V Quad Differential Line Receiver
January 8, 2013
HS-26CLV31RH INTERSIL-HS-26CLV31RH_12 Datasheet
299Kb / 3P
Radiation Hardened 3.3V Quad Differential Line Drivers
5962F-9568901VXC INTERSIL-5962F-9568901VXC Datasheet
227Kb / 4P
Radiation Hardened Quad Differential Line Receiver
May 28, 2013
logo
Renesas Technology Corp
HS-26C31RH RENESAS-HS-26C31RH Datasheet
444Kb / 8P
Radiation Hardened Quad Differential Line Driver
Aug 5, 2022
HS-26C32RH RENESAS-HS-26C32RH Datasheet
411Kb / 9P
Radiation Hardened Quad Differential Line Receivers
Oct 21, 2021
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com