Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7091R-4 Datasheet (PDF) - Analog Devices

AD7091R-4 Datasheet PDF - Analog Devices
Part # AD7091R-4
Download  AD7091R-4 Download
File Size   1853.15 Kbytes
Page   39 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 2-/4-/8-Channel, 1 MSPS, Ultralow Power, 12-Bit SAR ADC

AD7091R-4 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD7091R-4 Datasheet PDF - Analog Devices

Part # AD7091R-4
Download  AD7091R-4 Click to download

File Size   1853.15 Kbytes
Page   39 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 2-/4-/8-Channel, 1 MSPS, Ultralow Power, 12-Bit SAR ADC

AD7091R-4 Datasheet (HTML) - Analog Devices


AD7091R-4 Product details

FEATURES
► Ultralow system power
► Flexible power/throughput rate management
► Normal mode
► 1.4 mW at 1 MSPS
► Power-down mode
► 550 nA typical at VDD = 5.25 V
► 435 nA typical at VDD = 3 V
► Programmable ALERT interrupt pin (4-/8-channel models)
► High performance
► 1 MSPS throughput with no latency/pipeline delay
► SNR: 70 dB typical at 10 kHz input frequency
► THD: −80 dB typical at 10 kHz input frequency
► INL: ±0.7 LSB typical, ±1.0 LSB maximum
► Small system footprint
► On-chip accurate 2.5 V reference, 5 ppm/°C typical drift
► MUXOUT/ADCIN to allow single buffer amplifier
► Daisy-chain mode
► 16-lead, 20-lead, and 24-lead 4 mm × 4 mm LFCSP packages
► 16-lead, 20-lead, and 24-lead TSSOP packages
► Easy to use
► SPI/QSPI™/MICROWIRE™/DSP compatible digital interface
► Integrated programmable channel sequencer
► BUSY indication available (4-/8-channel models)
► Built in features for control and monitoring applications
► GPOx pins available (4-/8-channel models)
► Wide operating range
► Temperature range: −40°C to +125°C
► Specified for VDD of 2.7 V to 5.25 V

APPLICATIONS
► Battery-powered systems
► Personal digital assistants
► Medical instruments
► Mobile communications
► Instrumentation and control systems
► Data acquisition systems
► Optical sensors
► Diagnostic/monitoring functions




Similar Part No. - AD7091R-4

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7091R-4 AD-AD7091R-4 Datasheet
861Kb / 42P
2-/4-/8-Channel, 1 MSPS, Ultralow Power, 12-Bit SAR ADC
REV. C
AD7091R-4BCPZ AD-AD7091R-4BCPZ Datasheet
861Kb / 42P
2-/4-/8-Channel, 1 MSPS, Ultralow Power, 12-Bit SAR ADC
REV. C
AD7091R-4BCPZ-RL7 AD-AD7091R-4BCPZ-RL7 Datasheet
861Kb / 42P
2-/4-/8-Channel, 1 MSPS, Ultralow Power, 12-Bit SAR ADC
REV. C
logo
List of Unclassifed Man...
AD7091R-4BRUZ ETC2-AD7091R-4BRUZ Datasheet
1Mb / 41P
2-/4-/8-Channel, 1 MSPS, Ultralow Power, 12-Bit ADC in 16-/20-/24-Lead TSSOP
logo
Analog Devices
AD7091R-4BRUZ AD-AD7091R-4BRUZ Datasheet
861Kb / 42P
2-/4-/8-Channel, 1 MSPS, Ultralow Power, 12-Bit SAR ADC
REV. C
More results


Similar Description - AD7091R-4

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7866 AD-AD7866 Datasheet
304Kb / 20P
Dual 1 MSPS, 12-Bit, 2-Channel SAR ADC with Serial Interface
REV.0
logo
Texas Instruments
ADS8028 TI-ADS8028 Datasheet
904Kb / 34P
12-Bit, 1-MSPS, 8-Channel, SAR ADC
logo
Analog Devices
AD7091 AD-AD7091 Datasheet
448Kb / 20P
1 MSPS, Ultralow Power, 12-Bit ADC in 8-Lead LFCSP
REV. A
AD7866ARUZ AD-AD7866ARUZ Datasheet
585Kb / 24P
Dual 1 MSPS, 12-Bit, 2-Channel SAR ADC with Serial Interface
REV. A
logo
List of Unclassifed Man...
AD7091R-2BRUZ ETC2-AD7091R-2BRUZ Datasheet
1Mb / 41P
2-/4-/8-Channel, 1 MSPS, Ultralow Power, 12-Bit ADC in 16-/20-/24-Lead TSSOP
logo
Analog Devices
AD7866 AD-AD7866_15 Datasheet
585Kb / 24P
Dual 1 MSPS, 12-Bit, 2-Channel SAR ADC with Serial Interface
REV. A
AD7091R-2 AD-AD7091R-2 Datasheet
861Kb / 42P
2-/4-/8-Channel, 1 MSPS, Ultralow Power, 12-Bit SAR ADC
REV. C
AD7298-1 AD-AD7298-1 Datasheet
739Kb / 24P
8-Channel, 1 MSPS, 10-Bit SAR ADC
REV. A
AD7298-1 AD-AD7298-1_17 Datasheet
764Kb / 25P
8-Channel, 1 MSPS, 10-Bit SAR ADC
23-Feb-2017
AD7262 AD-AD7262_17 Datasheet
881Kb / 33P
1 MSPS, 12-Bit, Simultaneous Sampling SAR ADC
23-Feb-2017
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com