Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9122BCPZ Datasheet (PDF) - Analog Devices

AD9122BCPZ Datasheet PDF - Analog Devices
Part # AD9122BCPZ
Download  AD9122BCPZ Download
File Size   2088.1 Kbytes
Page   60 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual, 16–Bit, 1230 MSPS, TxDAC Digital-to-Analog Converter

AD9122BCPZ Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9122BCPZ Datasheet PDF - Analog Devices

Part # AD9122BCPZ
Download  AD9122BCPZ Click to download

File Size   2088.1 Kbytes
Page   60 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual, 16–Bit, 1230 MSPS, TxDAC Digital-to-Analog Converter

AD9122BCPZ Datasheet (HTML) - Analog Devices


AD9122BCPZ Product details

FEATURES
► Flexible LVDS interface allows word, byte, or nibble load
► Single-carrier W-CDMA ACLR = 82 dBc at 122.88 MHz IF
► Analog output: adjustable 8.7 mA to 31.7 mA, RL = 25 Ω to 50 Ω
► Integrated 2×/4×/8× interpolator/complex modulator allows carrier
placement anywhere in the DAC bandwidth
► Gain, dc offset, and phase adjustment for sideband suppression
► Multiple chip synchronization interfaces
► High performance, low noise PLL clock multiplier
► Digital inverse sinc filter
► Low power: 1.5 W at 1.2 GSPS, 800 mW at 500 MSPS, full
operating conditions
► 72-lead, exposed paddle LFCSP

APPLICATIONS
► Wireless infrastructure
► W-CDMA, CDMA2000, TD-SCDMA, WiMAX, GSM, LTE
► Digital high or low IF synthesis
► Transmit diversity
► Wideband communications: LMDS/MMDS, point-to-point




Similar Part No. - AD9122BCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9122BCPZ AD-AD9122BCPZ Datasheet
1Mb / 56P
Dual, 16-Bit, 1200 MSPS, TxDAC짰 Digital-to-Analog Converter
REV. 0
AD9122BCPZRL AD-AD9122BCPZRL Datasheet
1Mb / 56P
Dual, 16-Bit, 1200 MSPS, TxDAC짰 Digital-to-Analog Converter
REV. 0
More results


Similar Description - AD9122BCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9122 AD-AD9122 Datasheet
1Mb / 56P
Dual, 16-Bit, 1200 MSPS, TxDAC짰 Digital-to-Analog Converter
REV. 0
AD9148 AD-AD9148 Datasheet
851Kb / 73P
Quad 16-Bit,1 GSPS, TxDAC Digital-to-Analog Converter
Rev. PrA
AD9125 AD-AD9125 Datasheet
889Kb / 56P
Dual, 16-Bit, 1000 MSPS, TxDAC Digital-to-Analog Converter
REV. 0
AD9146 AD-AD9146 Datasheet
1Mb / 52P
Dual, 16-Bit, 1230 MSPS, TxDAC Digital-to-Analog Converter
REV. 0
AD9709 AD-AD9709_09 Datasheet
597Kb / 32P
8-Bit, 125 MSPS, Dual TxDAC Digital-to-Analog Converter
REV. B
AD9742ACPZ AD-AD9742ACPZ Datasheet
1Mb / 32P
12-Bit, 210 MSPS TxDAC Digital-to-Analog Converter
REV. C
AD9139 AD-AD9139 Datasheet
1Mb / 56P
16-Bit, 1600 MSPS, TxDAC Digital-to- Analog Converter
REV. 0
AD9142 AD-AD9142 Datasheet
1Mb / 65P
Dual, 16-Bit, 1600 MSPS, TxDAC Digital-to-Analog Converter
REV. 0
logo
Texas Instruments
ADS54J69 TI1-ADS54J69 Datasheet
3Mb / 75P
Dual-Channel, 16-Bit, 500-MSPS, Analog-to-Digital Converter
logo
Analog Devices
AD9139 AD-AD9139_14 Datasheet
1,018Kb / 56P
TxDAC Digital-to- Analog Converter
3/14-Rev. 0 to Rev. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com