Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9122BCPZ Datasheet (PDF) - Analog Devices

AD9122BCPZ Datasheet PDF - Analog Devices
Part # AD9122BCPZ
Download  AD9122BCPZ Download
File Size   1159.02 Kbytes
Page   56 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual, 16-Bit, 1200 MSPS, TxDAC짰 Digital-to-Analog Converter

AD9122BCPZ Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9122BCPZ Datasheet PDF - Analog Devices

Part # AD9122BCPZ
Download  AD9122BCPZ Click to download

File Size   1159.02 Kbytes
Page   56 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual, 16-Bit, 1200 MSPS, TxDAC짰 Digital-to-Analog Converter

AD9122BCPZ Datasheet (HTML) - Analog Devices


AD9122BCPZ Product details

GENERAL DESCRIPTION

The AD9122 is a dual 16-bit, high dynamic range, digital-to analog converter (DAC) that provides a sample rate of 1200 MSPS, permitting a multicarrier generation up to the Nyquist frequency. It includes features optimized for direct conversion transmit applications, including complex digital modulation, and gain and offset compensation. The DAC outputs are optimized to interface seamlessly with analog quadrature modulators, such as the ADL537x F-MOD series from Analog Devices, Inc. A 4-wire serial port interface provides for programming/readback of many internal parameters. Full-scale output current can be programmed over a range of 8.7 mA to 31.7 mA. The AD9122 comes in a 72-lead LFCSP.



FEATURES

Flexible LVDS interface allows word, byte, or nibble load

Single-carrier W-CDMA ACLR = 82 dBc @ 122.88 MHz IF

Analog output: adjustable 8.7 mA to 31.7 mA, RL = 25 Ω to 50 Ω

Novel 2×/4×/8× interpolator/complex modulator allows carrier placement anywhere in the DAC bandwidth

Digital gain and phase adjustment for sideband suppression

Multiple chip synchronization interfaces

High performance, low noise PLL clock multiplier

Digital inverse sinc filter

Flexible LVDS interface allows word, byte, or nibble load

Low power: 1.5 W @ 1.2 GSPS, 800 mW @ 500 MSPS, full operating conditions

72-lead, exposed paddle LFCSP




Similar Part No. - AD9122BCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9122BCPZ AD-AD9122BCPZ Datasheet
2Mb / 60P
Dual, 16–Bit, 1230 MSPS, TxDAC Digital-to-Analog Converter
Rev. C
AD9122BCPZRL AD-AD9122BCPZRL Datasheet
2Mb / 60P
Dual, 16–Bit, 1230 MSPS, TxDAC Digital-to-Analog Converter
Rev. C
More results


Similar Description - AD9122BCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9148 AD-AD9148 Datasheet
851Kb / 73P
Quad 16-Bit,1 GSPS, TxDAC Digital-to-Analog Converter
Rev. PrA
AD9125 AD-AD9125 Datasheet
889Kb / 56P
Dual, 16-Bit, 1000 MSPS, TxDAC Digital-to-Analog Converter
REV. 0
AD9146 AD-AD9146 Datasheet
1Mb / 52P
Dual, 16-Bit, 1230 MSPS, TxDAC Digital-to-Analog Converter
REV. 0
AD9709 AD-AD9709_09 Datasheet
597Kb / 32P
8-Bit, 125 MSPS, Dual TxDAC Digital-to-Analog Converter
REV. B
AD9742ACPZ AD-AD9742ACPZ Datasheet
1Mb / 32P
12-Bit, 210 MSPS TxDAC Digital-to-Analog Converter
REV. C
AD9139 AD-AD9139 Datasheet
1Mb / 56P
16-Bit, 1600 MSPS, TxDAC Digital-to- Analog Converter
REV. 0
AD9142 AD-AD9142 Datasheet
1Mb / 65P
Dual, 16-Bit, 1600 MSPS, TxDAC Digital-to-Analog Converter
REV. 0
AD9775BSVZ AD-AD9775BSVZ Datasheet
1Mb / 56P
14-Bit, 160 MSPS, 2횞/4횞/8횞 Interpolating Dual TxDAC짰 Digital-to-Analog Converter
Rev. E
logo
Texas Instruments
ADS54J69 TI1-ADS54J69 Datasheet
3Mb / 75P
Dual-Channel, 16-Bit, 500-MSPS, Analog-to-Digital Converter
logo
Analog Devices
AD9139 AD-AD9139_14 Datasheet
1,018Kb / 56P
TxDAC Digital-to- Analog Converter
3/14-Rev. 0 to Rev. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com