Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG2404 Datasheet (PDF) - Analog Devices

ADG2404 Datasheet PDF - Analog Devices
Part # ADG2404
Download  ADG2404 Download
File Size   948.87 Kbytes
Page   23 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 0.62Ω RON, ±15V, 12V, ±5V, 5V/–12V, 4:1 Multiplexer

ADG2404 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADG2404 Datasheet PDF - Analog Devices

Part # ADG2404
Download  ADG2404 Click to download

File Size   948.87 Kbytes
Page   23 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 0.62Ω RON, ±15V, 12V, ±5V, 5V/–12V, 4:1 Multiplexer

ADG2404 Datasheet (HTML) - Analog Devices


ADG2404 Product details

FEATURES
► Low RON 0.62Ω
► High continuous current of up to 847mA
► Flat RON across signal range, 0.003Ω
► THD of −99dB at 1kHz
► 1.8V, 3.3V, and 5V logic compatibility
► 16-lead, 4 mm × 4 mm LFCSP
► Pin to pin compatible with the ADG1404
► Fully specified at ±15V, +12V, ±5V and +5V /−12V
► Operational with asymmetric power supplies
► VSS to VDD − 2V analog signal range

APPLICATIONS
► Automatic test equipment
► Data acquisition
► Instrumentation
► Avionics
► Audio and video switching
► Communication systems
► Relay replacement




Similar Part No. - ADG2404

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG2404 AD-ADG2404 Datasheet
969Kb / 23P
0.62Ω RON, ±15V, 12V, ±5V, 5V/–12V, 4:1 Multiplexer
Rev. A
ADG2404BCPZ-REEL7 AD-ADG2404BCPZ-REEL7 Datasheet
969Kb / 23P
0.62Ω RON, ±15V, 12V, ±5V, 5V/–12V, 4:1 Multiplexer
Rev. A
ADG2404 AD-ADG2404_V01 Datasheet
969Kb / 23P
0.62Ω RON, ±15V, 12V, ±5V, 5V/–12V, 4:1 Multiplexer
Rev. A
More results


Similar Description - ADG2404

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSM112 STMICROELECTRONICS-TSM112 Datasheet
85Kb / 7P
3.3V 5V 12V HOUSEKEEPING IC
Jan-2001
logo
Texas Instruments
PT5060 TI-PT5060 Datasheet
233Kb / 4P
5V to 12V/15V 9W DUAL OUTPUT INTEGRATED SWITCHING REGULATOR
logo
Maxim Integrated Produc...
MAX736 MAXIM-MAX736 Datasheet
541Kb / 12P
-5V,-12V,-15V, and Adjustable Inverting Current-Mode PWM Regulators
19-4749; Rev 3; 5/93
MAX743 MAXIM-MAX743 Datasheet
472Kb / 12P
Dual-Output, Switch-Mode Regulator(5V to -15V or -12V)
19-2873; Rev 0; 7/90
logo
STMicroelectronics
TSM1121 STMICROELECTRONICS-TSM1121 Datasheet
136Kb / 11P
3.3V 5V 12V HOUSEKEEPING IC
May-2003
logo
Maxim Integrated Produc...
MAX8215 MAXIM-MAX8215_05 Datasheet
508Kb / 12P
±5V, ±12V (±15V) Dedicated Microprocessor Voltage Monitors
Rev 1; 11/05
logo
ORION FANS
OD6010 ORIONFANS-OD6010 Datasheet
100Kb / 1P
DC Fan - 5V, 12V
logo
SparkFun Electronics
TOL-11296 SPARKFUN-TOL-11296 Datasheet
102Kb / 1P
Power Supply - 12V/5V (2A)
12/1/2015
logo
Wurth Elektronik GmbH &...
1769205X2 WURTH-1769205X2 Datasheet
1Mb / 37P
3.3V ??12V / 1W / 2kV functional isolated unregulated 5V / 12V / 15V Output
Rev. 1.0
logo
STMicroelectronics
TDA8134 STMICROELECTRONICS-TDA8134 Datasheet
335Kb / 4P
5V 12V REGULATOR WITH DISABLE
Sep-1993
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com